Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV010-55TIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN29LV010-55TIP
Description  1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV010-55TIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN29LV010-55TIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV010-55TIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
6
EN29LV010
Rev. B, Issue Date: 2004/01/05
USER MODE DEFINITIONS
Standby Mode
The EN29LV010 has a CMOS-compatible standby mode, which reduces the current to
< 1µA
(typical). It is placed in CMOS-compatible standby when the CE pin is at VCC ± 0.3. The device also
has a TTL-compatible standby mode, which reduces the maximum VCC current to < 1mA. It is
placed in TTL-compatible standby when the CE pin is at VIH. When in standby modes, the outputs
are in a high-impedance state independent of the OE input.
Read Mode
The device is automatically set to reading array data after device power-up. No commands are required to
retrieve data. The device is also ready to read array data after completing an Embedded Program or
Embedded Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The
system can read array data using the standard read timings, except that if it reads at an address within
erase-suspended sectors, the device outputs status data. After completing a programming operation in
the Erase Suspend mode, the system may once again read array data with the same exception. See
“Erase Suspend/Erase Resume Commands” for more additional information.
The system
must issue the reset command to re-enable the device for reading array data if DQ5 goes
high, or while in the autoselect mode. See the “Reset Command” additional details.
Output Disable Mode
When the CE or OE pin is at a logic high level (VIH), the output from the EN29LV010 is disabled.
The output pins are placed in a high impedance state.
Auto Select Identification Mode
The autoselect mode provides manufacturer and device identification, and sector protection
verification, through identifier codes output on DQ7–DQ0. This mode is primarily intended for
programming equipment to automatically match a device to be programmed with its corresponding
programming algorithm. However, the autoselect codes can also be accessed in-system through the
command register.
When using programming equipment, the autoselect mode requires VID (11 V) on address pin A9.
Address pins A8, A6, A1, and A0 must be as shown in Autoselect Codes table. In addition, when
verifying sector protection, the sector address must appear on the appropriate highest order address
bits. Refer to the corresponding Sector Address Tables. The Command Definitions table shows the
remaining address bits that are don’t-care. When all necessary bits have been set as required, the
programming equipment may then read the corresponding identifier code on DQ7–DQ0.
To access the autoselect codes in-system; the host system can issue the autoselect command via
the command register, as shown in the Command Definitions table. This method does not require
VID. See “Command Definitions” for details on using the autoselect mode.
Write Mode
Write operations, including programming data and erasing sectors of memory, require the host
system to write a command or command sequence to the device. Write cycles are initiated by
placing the byte or word address on the device’s address inputs while the data to be written is input
on DQ[7:0]. The host system must drive the CE# and WE# pins Low and the OE# pin High for a
valid write operation to take place. All addresses are latched on the falling edge of WE# and CE#,


Similar Part No. - EN29LV010-55TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJCP EON-EN29LV040A-45RJCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJIP EON-EN29LV040A-45RJIP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RPCP EON-EN29LV040A-45RPCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV010-55TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010 EON-EN39LV010_11 Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN39LV010 EON-EN39LV010 Datasheet
1Mb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
AMIC Technology
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com