Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN29LV010-90TIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN29LV010-90TIP
Description  1 Megabit (128K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29LV010-90TIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN29LV010-90TIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29LV010-90TIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
This Data Sheet may be revised by subsequent versions
©2003 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
9
EN29LV010
Rev. B, Issue Date: 2004/01/05
COMMAND DEFINITIONS
The operations of the EN29LV010 are selected by one or more commands written into the
command register to perform Read/Reset Memory, Read ID, Read Sector Protection, Program,
Sector Erase, Chip Erase, Erase Suspend and Erase Resume. Commands are made up of data
sequences written at specific addresses via the command register.
The sequences for the
specified operation are defined in the Command Definitions table (Table 5). Incorrect addresses,
incorrect data values or improper sequences will reset the device to Read Mode.
Table 5. EN29LV010 Command Definitions
Bus Cycles
1
st
Cycle
2
nd
Cycle
3
rd
Cycle
4
th
Cycle
5
th
Cycle
6
th
Cycle
Command
Sequence
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Add
Data
Read
1
RA
RD
Reset
1
Xxx
F0
Manufacturer ID
4
555
AA
2AA
55
555
90
100
1C
Device ID
4
555
AA
2AA
55
555
90
X01
6E
Sector Protect Verify
4
555
AA
2AA
55
555
90
(SA)
X02
00/
01
Program
4
555
AA
2AA
55
555
A0
PA
PD
Unlock Bypass
3
555
AA
2AA
55
555
20
Unlock Bypass Program
2
XXX
A0
PA
PD
Unlock Bypass Reset
2
XXX
90
XXX
00
Chip Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
555
10
Sector Erase
6
555
AA
2AA
55
555
80
555
AA
2AA
55
SA
30
Erase Suspend
1
xxx
B0
Erase Resume
1
xxx
30
Address and Data values indicated in hex
RA = Read Address: address of the memory location to be read. This is a read cycle.
RD = Read Data: data read from location RA during Read operation. This is a read cycle.
PA = Program Address: address of the memory location to be programmed. X = Don’t-Care
PD = Program Data: data to be programmed at location PA
SA = Sector Address: address of the Sector to be erased or verified. Address bits A16-A14 uniquely select any Sector.
Reading Array Data
The device is automatically set to reading array data after power up. No commands are required to
retrieve data. The device is also ready to read array data after completing an Embedded Program or
Embedded Erase algorithm.
Following an Erase Suspend command, Erase Suspend mode is entered. The system can read array
data using the standard read timings, with the only difference in that if it reads at an address within erase
suspended sectors, the device outputs status data. After completing a programming operation in the
Erase Suspend mode, the system may once again read array data with the same exception.


Similar Part No. - EN29LV010-90TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJCP EON-EN29LV040A-45RJCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RJIP EON-EN29LV040A-45RJIP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A-45RPCP EON-EN29LV040A-45RPCP Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
More results

Similar Description - EN29LV010-90TIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39LV010 EON-EN39LV010_11 Datasheet
399Kb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN39LV010 EON-EN39LV010 Datasheet
1Mb / 36P
   1 Megabit (128K x 8-bit ) 4 Kbyte Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B_06 Datasheet
952Kb / 40P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV081 AMD-AM29LV081 Datasheet
439Kb / 35P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B Datasheet
66Kb / 7P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
AM29LV010B AMD-AM29LV010B_06 Datasheet
942Kb / 36P
   1 Megabit (128 K x 8-Bit) CMOS 3.0 Volt-only Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
AMIC Technology
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com