Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HB28D032C6 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part # HB28D032C6
Description  CompactFlash??96 MByte/32 MByte
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HB28D032C6 Datasheet(HTML) 6 Page - Hitachi Semiconductor

Back Button HB28D032C6 Datasheet HTML 2Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 3Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 4Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 5Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 6Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 7Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 8Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 9Page - Hitachi Semiconductor HB28D032C6 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
HB28D096/032C6
6
Signal name
Direction Pin No.
Description
-CSEL
(PC Card Memory mode)
I
39
This signal is not used.
-CSEL
(PC Card I/O mode)
-CSEL
(True IDE mode)
This signal is used to configure this device as a
Master or a Slave when configured in the True IDE
mode. When this pin is grounded, this device is
configured as a Master. When the pin is open, this
device is configured as a Slave.
D15 to D0
(PC Card Memory mode)
I/O
31, 30, 29, 28,
27, 49, 48, 47, 6,
5, 4, 3, 2, 23, 22,
21
Data bus is D15 to D0. D0 is the LSB of the even byte
of the word. D8 is the LSB of the odd byte of the
word.
D15 to D0
(PC Card I/O mode)
D15 to D0
(True IDE mode)
GND
(PC Card Memory mode)
1, 50
Ground
GND
(PC Card I/O mode)
GND
(True IDE mode)
-INPACK
(PC Card Memory mode)
O
43
This signal is not used and should not be connected
at the host.
-INPACK
(PC Card I/O mode)
Input Acknowledge
This signal is asserted low by this card when the card
is selected and responding to an I/O read cycle at the
address that is on the address bus during -CE and
-IORD are low. This signal is used for the input data
buffer control.
-INPACK
(True IDE mode)
This signal is not used and should not be connected
at the host.
-IORD
(PC Card Memory mode)
I
34
This signal is not used.
-IORD
(PC Card I/O mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until I/O
card interface setting up.
-IORD
(True IDE mode)
-IORD is used for control of read data in I/O task file
area. This card does not respond to -IORD until True
IDE interface setting up.


Similar Part No. - HB28D032C6

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HB28D032BP2 HITACHI-HB28D032BP2 Datasheet
328Kb / 90P
   Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Renesas Technology Corp
HB28D032MM2 RENESAS-HB28D032MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
More results

Similar Description - HB28D032C6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Renesas Technology Corp
HB28K032MM3 RENESAS-HB28K032MM3 Datasheet
526Kb / 91P
   MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
S25FL116K CYPRESS-S25FL116K Datasheet
3Mb / 90P
   16 Mbit (2 Mbyte), 32 Mbit (4 Mbyte), 64 Mbit (8 Mbyte) 3.0V SPI Flash Memory
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Hitachi Semiconductor
HB28E016BP2 HITACHI-HB28E016BP2 Datasheet
328Kb / 90P
   Mobile Embedded Flash with MultiMediaCard-TM Interface 16 Mbyte/32 Mbyte
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com