Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404392 Datasheet(PDF) 11 Page - Hitachi Semiconductor

Part # HD404392
Description  4-bit microcomputers
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404392 Datasheet(HTML) 11 Page - Hitachi Semiconductor

Back Button HD404392 Datasheet HTML 7Page - Hitachi Semiconductor HD404392 Datasheet HTML 8Page - Hitachi Semiconductor HD404392 Datasheet HTML 9Page - Hitachi Semiconductor HD404392 Datasheet HTML 10Page - Hitachi Semiconductor HD404392 Datasheet HTML 11Page - Hitachi Semiconductor HD404392 Datasheet HTML 12Page - Hitachi Semiconductor HD404392 Datasheet HTML 13Page - Hitachi Semiconductor HD404392 Datasheet HTML 14Page - Hitachi Semiconductor HD404392 Datasheet HTML 15Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
HD404344R Series/HD404394 Series
11
HD404394 Series
Pin Number
Item
Symbol
DP-28S/
FP-28DA FP-30D
I/O
Function
Power supply
V
CC
16
18
Applies power voltage
GND
11
11
Connects to ground
Test
TEST
17
19
I
Cannot be used in user applications. Connect
this pin to GND.
Reset
RESET
18
20
I
Resets the MCU
Oscillator
OSC
1
9
9
I
Input/output pin for the internal oscillator.
Connect these pins to the ceramic oscillator, or
OSC
1 to an external oscillator circuit
OSC
2
10
10
O
Port
D
0–D 5
23–28
25–30
I/O
Input/output pins addressed individually by bits;
pins D
1 and D 2 can sink 15 mA max.
R0
0–R0 3,
R1
0–R1 3,
R2
0–R2 3,
R3
1–R3 3
1–8,
13–15
19–22
1–8,
14–16,
21–24
I/O
Four-bit input/output pins. Pins R1
0–R1 2 are
NMOS intermediate-voltage open drain pins.
Pins R1
3–R2 3 are NMOS standard-voltage open
drain pins which can sink 15 mA max.
Interrupt
INT
0
23
25
I
Input pin for external interrupts
Stop clear
STOPC
27
29
I
Input pin for transition from stop mode to active
mode
Serial interface
SCK
19
21
I/O
Serial interface clock input/output pin
SI
20
22
I
Serial interface receive data input pin
SO
21
23
O
Serial interface transmit data output pin
Timer
TOC
22
24
O
Timer output pin
EVNB
23
25
I
Event count input pin
A/D converter
V
ref
12
13
Power supply for the internal ladder resistor in
the A/D converter
AN
1–AN 3
13–15
14–16
I
Analog input pins for the A/D converter


Similar Part No. - HD404392

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404394 RENESAS-HD404394 Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
More results

Similar Description - HD404392

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HMCS404C HITACHI-HMCS404C Datasheet
1Mb / 25P
   4-Bit CMOS Microcomputers
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com