Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV400 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY29LV400
Description  4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV400 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY29LV400 Datasheet HTML 6Page - Hynix Semiconductor HY29LV400 Datasheet HTML 7Page - Hynix Semiconductor HY29LV400 Datasheet HTML 8Page - Hynix Semiconductor HY29LV400 Datasheet HTML 9Page - Hynix Semiconductor HY29LV400 Datasheet HTML 10Page - Hynix Semiconductor HY29LV400 Datasheet HTML 11Page - Hynix Semiconductor HY29LV400 Datasheet HTML 12Page - Hynix Semiconductor HY29LV400 Datasheet HTML 13Page - Hynix Semiconductor HY29LV400 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
Rev. 1.0/Nov. 01
HY29LV400
START
(Note: All sectors must be
protected prior to
unprotecting any sector)
TRYCNT = 1
SNUM = 0
RESET# = V
ID
Wait 1 us
Write 0x60 to device
Write 0x60 to Address
Set Address:
A[17:12] = Sector SNUM
A[6] = 1, A]1] = 1, A]0] = 0
Write 0x40 to Address
Read from Address
Data = 0x00?
SNUM = 10?
YES
TRYCNT = 1000?
NO
Increment TRYCNT
NO
YES
DEVICE FAILURE
YES
NO
RESET# = V
IH
Write Reset Command
SECTOR UNPROTECT
COMPLETE
SNUM = SNUM + 1
Wait 15 ms
Set Address:
A[6] = 1, A]1] = 1, A]0] = 0
Figure 2. Sector Unprotect Algorithm
START
RESET# = V
ID
(All protected sectors
become unprotected)
Perform Program or Erase
Operations
RESET# = V
IH
(All previously protected
sectors return to protected
state)
TEMPORARY SECTOR
UNPROTECT COMPLETE
Figure 3. Temporary Sector Unprotect
Algorithm
grammed with its corresponding programming al-
gorithm.
Two methods are provided for accessing the Elec-
tronic ID data. The first requires V
ID on address
pin A[9], with additional requirements for obtain-
ing specific data items listed in Table 4. The Elec-
tronic ID data can also be obtained by the host
through specific commands issued via the com-
mand register, as described in the ‘Device Com-
mands’ section of this data sheet.
While in the high-voltage Electronic ID mode, the
system may read at specific addresses to obtain
certain device identification and status information:
n A read cycle at address 0xXXX00 retrieves the
manufacturer code.
n A read cycle at address 0xXXX01 in Word
mode or 0xXXX02 in Byte mode returns the
device code.
n A read cycle containing a sector address (SA)
in A[17:12] and the address 0x02 in Word mode
or 0x04 in Byte mode, returns 0x01 if that sec-
tor is protected, or 0x00 if it is unprotected.


Similar Part No. - HY29LV400

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV400

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Intel Corporation
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com