Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC42S16101-7TG Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IC42S16101-7TG
Description  512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC42S16101-7TG Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IC42S16101-7TG Datasheet HTML 2Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 3Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 4Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 5Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 6Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 7Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 8Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 9Page - Integrated Circuit Solution Inc IC42S16101-7TG Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
IC42S16101
6
Integrated Circuit Solution Inc.
DR025-0F 01/17/2005
DC ELECTRICAL CHARACTERISTICS (Recommended Operation Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
IIL
Input Leakage Current
0V
≤ VIN ≤ VCC, with pins other than
–5
5
µA
the tested pin at 0V
IOL
Output Leakage Current
Output is disabled
–10
10
µA
0V
≤ VOUT ≤ VCC
VOH
Output High Voltage Level
IOUT = –2 mA
2.4
V
VOL
Output Low Voltage Level
IOUT = +2 mA
0.4
V
ICC1
Operating Current(1,2)
One Bank Operation,
CAS latency = 3
-5
150
mA
Burst Length=1
-6
145
mA
tRC
≥ tRC (min.)
-7
140
mA
IOUT = 0mA
ICC2
Precharge Standby Current
CKE
≤ VIL (MAX)tCK = tCK (MIN)—
2
mA
(In Power-Down Mode)
ICC3
Active Standby Current
CKE
≥ VIH (MIN)tCK = tCK (MIN)—
—5
50
mA
(In Non Power-Down Mode)
—6
45
mA
——7
40
mA
ICC4
Operating Current
tCK = tCK (MIN)
-5
150
mA
(In Burst Mode)(1)
IOUT = 0mA
-6
140
mA
-7
130
mA
ICC5
Auto-Refresh Current
tRC = tRC (MIN)
-5
100
mA
-6
90
mA
-7
80
mA
ICC6
Self-Refresh Current
CKE
≤ 0.2V
1
mA
Notes:
1. These are the values at the minimum cycle time. Since the currents are transient, these values decrease as the cycle time
increases. Also note that a bypass capacitor of at least 0.01 µF should be inserted between Vcc and GND for each
memory chip to suppress power supply voltage noise (voltage drops) due to these transient currents.
2. Icc1 and Icc4 depend on the output load.


Similar Part No. - IC42S16101-7TG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5T ICSI-IC42S16100-5T Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TG ICSI-IC42S16100-5TG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TI ICSI-IC42S16100-5TI Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IC42S16100-5TIG ICSI-IC42S16100-5TIG Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IC42S16101-7TG

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC42S16102 ICSI-IC42S16102 Datasheet
764Kb / 78P
   512K x 16 Bit x 2 Banks (16-MBIT) SDRAM
logo
Winbond
W981616AH WINBOND-W981616AH Datasheet
1Mb / 40P
   512K x 2 BANKS x 16 BIT SDRAM
logo
Ceramate Technical
50S116T CERAMATE-50S116T Datasheet
1Mb / 22P
   SDRAM(512K X 2 BANKS X 16 BITS SDRAM)
logo
Winbond
W9816G6JB WINBOND-W9816G6JB Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
List of Unclassifed Man...
VT361716 ETC-VT361716 Datasheet
126Kb / 11P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Winbond
W9816G6JH WINBOND-W9816G6JH Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6BB WINBOND-W9816G6BB Datasheet
1Mb / 43P
   512K x 2 BANKS x 16 BITS SDRAM
W9816G6JB-6-TR WINBOND-W9816G6JB-6-TR Datasheet
927Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
W9816G6JH-5-TR WINBOND-W9816G6JH-5-TR Datasheet
731Kb / 42P
   512K X 2 BANKS X 16 BITS SDRAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com