Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV400TF90 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HY29LV400TF90
Description  4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV400TF90 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HY29LV400TF90 Datasheet HTML 3Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 4Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 5Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 6Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 7Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 8Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 9Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 10Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
7
Rev. 1.0/Nov. 01
HY29LV400
Table 3. HY29LV400 Normal Bus Operations 1
Notes:
1. L = V
IL, H = VIH, X = Don’t Care (L or H), DOUT = Data Out, DIN = Data In.
See DC Characteristics for voltage levels.
2. Address is A[17:0, -1] in Byte Mode and A[17:0] in Word Mode.
3. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
n
o
i
t
a
r
e
p
O
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
s
s
e
r
d
d
A
2
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
3
H
=
#
E
T
Y
B
L
=
#
E
T
Y
B
d
a
e
RL
L
H
H
A
N
I
D
T
U
O
D
T
U
O
Z
-
h
g
i
H
e
t
i
r
WL
H
L
H
A
N
I
D
N
I
D
N
I
Z
-
h
g
i
H
e
l
b
a
s
i
D
t
u
p
t
u
OL
H
H
H
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
y
b
d
n
a
t
S
l
a
m
r
o
N
#
E
CH
X
X
H
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
y
b
d
n
a
t
S
p
e
e
D
#
E
CV
C
C
V
3
.
0
±X
X
V
C
C
V
3
.
0
±X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
t
e
s
e
R
e
r
a
w
d
r
a
H
)
y
b
d
n
a
t
S
l
a
m
r
o
N
(
XX
X
L
X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
t
e
s
e
R
e
r
a
w
d
r
a
H
)
y
b
d
n
a
t
S
p
e
e
D
(
XX
X
V
S
S
V
3
.
0
±X
Z
-
h
g
i
HZ
-
h
g
i
HZ
-
h
g
i
H
Table 4. HY29LV400 Bus Operations Requiring High Voltage 1, 2
Notes:
1. L = V
IL, H = VIH, X = Don’t Care (L OR H).
See DC Characteristics for voltage levels.
2. Address bits not specified are Don’t Care.
3. See text and for additional information.
4. SA = Sector Address. See Tables 1 and 2.
5. DQ[15] is the A[-1] input in Byte Mode (BYTE# = L).
6. Normal read, write and output disable operations are used in this mode. See Table 3.
n
o
i
t
a
r
e
p
O
3
#
E
C
#
E
O
#
E
W
#
T
E
S
E
R
]
2
1
:
9
1
[
A
]
9
[
A
]
6
[
A
]
1
[
A
]
0
[
A
]
0
:
7
[
Q
D
]
8
:
5
1
[
Q
D
#
E
T
Y
B
H
=
#
E
T
Y
B
L
=
5
t
c
e
t
o
r
P
r
o
t
c
e
SL
H
L
V
D
I
A
S 4
XL
H
L
D
N
I
D
/
T
U
O
XX
t
c
e
t
o
r
p
n
U
r
o
t
c
e
SL
H
L
V
D
I
XX
H
H
L
D
N
I
D
/
T
U
O
XX
r
o
t
c
e
S
y
r
a
r
o
p
m
e
T
t
c
e
t
o
r
p
n
U
6
-
--
--
-V
D
I
-
--
--
--
--
--
--
--
-
e
d
o
C
r
e
r
u
t
c
a
f
u
n
a
ML
L
H
H
X
V
D
I
LLL
D
A
x
0X
Z
-
h
g
i
H
e
c
i
v
e
D
e
d
o
C
B
0
0
4
V
L
9
2
Y
H
LL
H
H
X
V
D
I
LL
H
A
B
x
0
2
2
x
0Z
-
h
g
i
H
T
0
0
4
V
L
9
2
Y
H
9
B
x
0
n
o
i
t
c
e
t
o
r
P
r
o
t
c
e
S
n
o
i
t
a
c
i
f
i
r
e
V
LL
H
H
A
S 4
V
D
I
LH
L
=
0
0
x
0
d
e
t
c
e
t
o
r
p
n
U
XZ
-
h
g
i
H
=
1
0
x
0
d
e
t
c
e
t
o
r
P


Similar Part No. - HY29LV400TF90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV400TF90

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Intel Corporation
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com