Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV400TF90 Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HY29LV400TF90
Description  4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV400TF90 Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HY29LV400TF90 Datasheet HTML 7Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 8Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 9Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 10Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 11Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 12Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 13Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 14Page - Hynix Semiconductor HY29LV400TF90 Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
Rev. 1.0/Nov. 01
HY29LV400
DEVICE COMMANDS
Device operations are initiated by writing desig-
nated address and data command sequences into
the device. Addresses are latched on the falling
edge of WE# or CE#, whichever happens later.
Data is latched on the rising edge of WE# or CE#,
whichever happens first.
A command sequence is composed of one, two
or three of the following sub-segments: an unlock
cycle, a command cycle and a data cycle. Table 5
summarizes the composition of the valid command
sequences implemented in the HY29LV400, and
these sequences are fully described in Table 6 and
in the sections that follow.
Writing incorrect address and data values or writ-
ing them in the improper sequence resets the
HY29LV400 to the Read mode.
Reading Data
The device automatically enters the Read mode
after device power-up, after the RESET# input is
asserted and upon the completion of certain com-
mands. Commands are not required to retrieve
data in this mode. See Read Operation section
for additional information.
Reset Command
Writing the Reset command resets the sectors to
the Read or Erase-Suspend mode. Address bits
are don’t cares for this command.
As described above, a Reset command is not nor-
mally required to begin reading array data. How-
ever, a Reset command must be issued in order
to read array data in the following cases:
n If the device is in the Electronic ID mode, a
Reset command must be written to return to
the Read mode. If the device was in the Erase
Suspend mode when the device entered the
Electronic ID mode, writing the Reset command
returns the device to the Erase Suspend mode.
Note: When in the Electronic ID bus operation mode,
the device returns to the Read mode when V
ID is removed
from the A[9] pin. The Reset command is not required
in this case.
n If DQ[5] (Exceeded Time Limit) goes High dur-
ing a program or erase operation, a Reset com-
mand must be invoked to return the sectors to
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
e
l
c
y
C
s
u
B
f
o
r
e
b
m
u
N
k
c
o
l
n
U
d
n
a
m
m
o
C
a
t
a
D
t
e
s
e
R0
1
0
d
a
e
R0
0
1
e
t
o
N
m
a
r
g
o
r
P
d
r
o
W
/
e
t
y
B2
1
1
s
s
a
p
y
B
k
c
o
l
n
U2
1
0
s
s
a
p
y
B
k
c
o
l
n
U
t
e
s
e
R
01
1
s
s
a
p
y
B
k
c
o
l
n
U
m
a
r
g
o
r
P
d
r
o
W
/
e
t
y
B
01
1
e
s
a
r
E
p
i
h
C4
1
1
e
s
a
r
E
r
o
t
c
e
S4
1
)
2
e
t
o
N
(
1
d
n
e
p
s
u
S
e
s
a
r
E0
1
0
e
m
u
s
e
R
e
s
a
r
E0
1
0
D
I
c
i
n
o
r
t
c
e
l
E2
1
3
e
t
o
N
Notes:
1. Any number of Flash array read cycles are permitted.
2. Additional data cycles may follow. See text.
3. Any number of Electronic ID read cycles are permitted.
Table 5. Composition of Command Sequences
the Read mode (or to the Erase Suspend mode
if the device was in Erase Suspend when the
Program command was issued).
The Reset command may also be used to abort
certain command sequences:
n In a Sector Erase or Chip Erase command se-
quence, the Reset command may be written
at any time before erasing actually begins, in-
cluding, for the Sector Erase command, be-
tween the cycles that specify the sectors to be
erased (see Sector Erase command descrip-
tion). This aborts the command and resets the
device to the Read mode. Once erasure be-
gins, however, the device ignores the Reset
command until the operation is complete.
n In a Program command sequence, the Reset
command may be written between the se-
quence cycles before programming actually be-
gins. This aborts the command and resets the
device to the Read mode, or to the Erase Sus-
pend mode if the Program command sequence
is written while the device is in the Erase Sus-
pend mode. Once programming begins, how-
ever, the device ignores the Reset command
until the operation is complete.


Similar Part No. - HY29LV400TF90

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV400TF90

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Intel Corporation
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com