Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV400BT70I Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HY29LV400BT70I
Description  4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV400BT70I Datasheet(HTML) 2 Page - Hynix Semiconductor

  HY29LV400BT70I Datasheet HTML 1Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 2Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 3Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 4Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 5Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 6Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 7Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 8Page - Hynix Semiconductor HY29LV400BT70I Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
Rev. 1.0/Nov. 01
HY29LV400
GENERAL DESCRIPTION
The HY29LV400 is a 4 Mbit, 3 volt-only, CMOS
Flash memory organized as 524,288 (512K) bytes
or 262,144 (256K) words that is available in 48-
pin TSOP and 48-ball FBGA packages. Word-
wide data (x16) appears on DQ[15:0] and byte-
wide (x8) data appears on DQ[7:0].
The HY29LV400 can be programmed and erased
in-system with a single 3 volt V
CC supply. Inter-
nally generated and regulated voltages are pro-
vided for program and erase operations, so that
the device does not require a higher voltage V
PP
power supply to perform those functions. The de-
vice can also be programmed in standard EPROM
programmers. Access times as low as 70 ns over
the full operating voltage range of 2.7 - 3.6 volts
are offered for timing compatibility with the zero
wait state requirements of high speed micropro-
cessors. A 55 ns version operating from 3.0 to
3.6 volts is also available. To eliminate bus con-
tention, the HY29LV400 has separate chip enable
(CE#), write enable (WE#) and output enable
(OE#) controls.
The device is compatible with the JEDEC single-
power-supply Flash command set standard. Com-
mands are written to the command register using
standard microprocessor write timings. They are
then routed to an internal state-machine that con-
trols the erase and programming circuits. Device
programming is performed a byte/word at a time
by executing the four-cycle Program Command
write sequence. This initiates an internal algorithm
that automatically times the program pulse widths
and verifies proper cell margin. Faster program-
ming times can be achieved by placing the
HY29LV400 in the Unlock Bypass mode, which
requires only two write cycles to program data in-
stead of four.
The HY29LV400’s sector erase architecture allows
any number of array sectors to be erased and re-
programmed without affecting the data contents
of other sectors. Device erasure is initiated by
executing the Erase Command sequence. This
initiates an internal algorithm that automatically
preprograms the array (if it is not already pro-
grammed) before executing the erase operation.
As during programming cycles, the device auto-
matically times the erase pulse widths and veri-
fies proper cell margin. Hardware Sector Protec-
tion optionally disables both program and erase
operations in any combination of the sectors of
the memory array, while Temporary Sector Unpro-
tect allows in-system erasure and code changes
in previously protected sectors. Erase Suspend
enables the user to put erase on hold for any pe-
riod of time to read data from, or program data to,
any sector that is not selected for erasure. True
background erase can thus be achieved. The de-
vice is fully erased when shipped from the factory.
Addresses and data needed for the programming
and erase operations are internally latched during
write cycles, and the host system can detect
completion of a program or erase operation by
observing the RY/BY# pin, or by reading the DQ[7]
(Data# Polling) and DQ[6] (toggle) status bits.
Hardware data protection measures include a low
V
CC detector that automatically inhibits write op-
erations during power transitions.
After a program or erase cycle has been com-
pleted, or after assertion of the RESET# pin (which
terminates any operation in progress), the device
is ready to read data or to accept another com-
mand. Reading data out of the device is similar to
reading from other Flash or EPROM devices.
Two power-saving features are embodied in the
HY29LV400. When addresses have been stable
for a specified amount of time, the device enters
the automatic sleep mode. The host can also place
the device into the standby mode. Power con-
sumption is greatly reduced in both these modes.


Similar Part No. - HY29LV400BT70I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV400BT70I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Intel Corporation
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com