Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404392S Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # HD404392S
Description  4-bit microcomputers
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404392S Datasheet(HTML) 5 Page - Hitachi Semiconductor

  HD404392S Datasheet HTML 1Page - Hitachi Semiconductor HD404392S Datasheet HTML 2Page - Hitachi Semiconductor HD404392S Datasheet HTML 3Page - Hitachi Semiconductor HD404392S Datasheet HTML 4Page - Hitachi Semiconductor HD404392S Datasheet HTML 5Page - Hitachi Semiconductor HD404392S Datasheet HTML 6Page - Hitachi Semiconductor HD404392S Datasheet HTML 7Page - Hitachi Semiconductor HD404392S Datasheet HTML 8Page - Hitachi Semiconductor HD404392S Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
HD404344R Series/HD404394 Series
5
List of Functions (cont)
Mask ROM
ZTAT
item
HCD40C4344R
HD4074344
Operating voltage (V)
2.7 to 5.5
2.7 to 5.5
Instruction cycle time (typ.)
2
µs
(Rf = 20 kΩ)
1
µs
(fosc = 4.0 MHz)
ROM (Words)
4,096
4,096 PROM
RAM (Digits)
256
256
I/O
22
22
High-current
I/O pins (Sink
15 mA max)
10
10
Timer
functions
Free running
timer
22
Reload timer
2
2
Event counter
1
1
Watchdog
timer
11
Serial interface
1
1
A/D converter
8bit
× 4ch
8bit
× 4ch
Interrupt
External
1
1
Internal
4
4
Low-power modes
2
2
Stop mode
ll
Standby mode
ll
Oscillator
Ceramic
oscillation
l
RC oscillation
l
Package
Chip
DP-28S
FP-28DA
FP-30D
Guaranteed operation
temperature (
°C)
+75
–20 to +75


Similar Part No. - HD404392S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404394 RENESAS-HD404394 Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
More results

Similar Description - HD404392S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HMCS404C HITACHI-HMCS404C Datasheet
1Mb / 25P
   4-Bit CMOS Microcomputers
logo
Hynix Semiconductor
GMS34004T HYNIX-GMS34004T Datasheet
326Kb / 7P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS34004 HYNIX-GMS34004 Datasheet
433Kb / 105P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
ZTB500E ETC-ZTB500E Datasheet
328Kb / 49P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS36 HYNIX-GMS36 Datasheet
813Kb / 109P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
List of Unclassifed Man...
HMS38112 ETC-HMS38112 Datasheet
505Kb / 73P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Hynix Semiconductor
GMS30004 HYNIX-GMS30004 Datasheet
964Kb / 158P
   4-BIT SINGLE CHIP MICROCOMPUTERS
GMS3637004 HYNIX-GMS3637004 Datasheet
1Mb / 110P
   4-BIT SINGLE CHIP MICROCOMPUTERS
logo
Renesas Technology Corp
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Sanyo Semicon Device
LM6417 SANYO-LM6417 Datasheet
221Kb / 2P
   NMOS 4-Bit Single-Chip Microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com