Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY29LV400TF90I Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HY29LV400TF90I
Description  4 Mbit (512K x 8/256K x 16) Low Voltage Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY29LV400TF90I Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HY29LV400TF90I Datasheet HTML 2Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 3Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 4Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 5Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 6Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 7Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 8Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 9Page - Hynix Semiconductor HY29LV400TF90I Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Rev. 1.0/Nov. 01
HY29LV400
Table 2. HY29LV400B (Bottom Boot Block) Memory Array Organization
Table 1. HY29LV400T (Top Boot Block) Memory Array Organization
r
o
t
c
e
S
e
z
i
S
)
W
K
/
B
K
(
s
s
e
r
d
d
A
r
o
t
c
e
S
1
e
d
o
M
e
t
y
B
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
e
d
o
M
d
r
o
W
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
]
7
1
[
A
]
6
1
[
A
]
5
1
[
A
]
4
1
[
A
]
3
1
[
A
]
2
1
[
A
0
S2
3
/
4
6
000
X
X
X
F
F
F
F
0
x
0
-
0
0
0
0
0
x
0F
F
F
7
0
x
0
-
0
0
0
0
0
x
0
1
S2
3
/
4
6
0
0
1
XXX
F
F
F
F
1
x
0
-
0
0
0
0
1
x
0F
F
F
F
0
x
0
-
0
0
0
8
0
x
0
2
S2
3
/
4
6
0
1
0
XXX
F
F
F
F
2
x
0
-
0
0
0
0
2
x
0F
F
F
7
1
x
0
-
0
0
0
0
1
x
0
3
S2
3
/
4
6
0
1
1
XXX
F
F
F
F
3
x
0
-
0
0
0
0
3
x
0F
F
F
F
1
x
0
-
0
0
0
8
1
x
0
4
S2
3
/
4
6
1
0
0
XXX
F
F
F
F
4
x
0
-
0
0
0
0
4
x
0F
F
F
7
2
x
0
-
0
0
0
0
2
x
0
5
S2
3
/
4
6
1
0
1
XXX
F
F
F
F
5
x
0
-
0
0
0
0
5
x
0F
F
F
F
2
x
0
-
0
0
0
8
2
x
0
6
S2
3
/
4
6
1
1
0
XXX
F
F
F
F
6
x
0
-
0
0
0
0
6
x
0F
F
F
7
3
x
0
-
0
0
0
0
3
x
0
7
S6
1
/
2
3
111
0
X
X
F
F
F
7
7
x
0
-
0
0
0
0
7
x
0F
F
F
B
3
x
0
-
0
0
0
8
3
x
0
8
S4
/
8
1111
00
F
F
F
9
7
x
0
-
0
0
0
8
7
x
0F
F
F
C
3
x
0
-
0
0
0
C
3
x
0
9
S4
/
8
1111
0
1
F
F
F
B
7
x
0
-
0
0
0
A
7
x
0F
F
F
D
3
x
0
-
0
0
0
D
3
X
0
0
1
S8
/
6
1
11111
X
F
F
F
F
7
x
0
-
0
0
0
C
7
x
0F
F
F
F
3
x
0
-
0
0
0
E
3
x
0
Notes:
1.
‘X’ indicates don’t care.
2.
‘0xN. . . N’ indicates an address in hexadecimal notation.
3. The address range in byte mode is A[17:0, -1]. The address range in word mode is A[17:0].
r
o
t
c
e
S
e
z
i
S
)
W
K
/
B
K
(
s
s
e
r
d
d
A
r
o
t
c
e
S
1
e
d
o
M
e
t
y
B
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
e
d
o
M
d
r
o
W
e
g
n
a
R
s
s
e
r
d
d
A
3
,
2
]
7
1
[
A
]
6
1
[
A
]
5
1
[
A
]
4
1
[
A
]
3
1
[
A
]
2
1
[
A
0
S8
/
6
1
00000
X
F
F
F
3
0
x
0
-
0
0
0
0
0
x
0F
F
F
1
0
x
0
-
0
0
0
0
0
x
0
1
S4
/
8
0000
1
0
F
F
F
5
0
x
0
-
0
0
0
4
0
x
0F
F
F
2
0
x
0
-
0
0
0
2
0
x
0
2
S4
/
8
0000
11
F
F
F
7
0
x
0
-
0
0
0
6
0
x
0F
F
F
3
0
x
0
-
0
0
0
3
0
X
0
3
S6
1
/
2
3
000
1
X
X
F
F
F
F
0
x
0
-
0
0
0
8
0
x
0F
F
F
7
0
x
0
-
0
0
0
4
0
x
0
4
S2
3
/
4
6
0
0
1
XXX
F
F
F
F
1
x
0
-
0
0
0
0
1
x
0F
F
F
F
0
x
0
-
0
0
0
8
0
x
0
5
S2
3
/
4
6
0
1
0
XXX
F
F
F
F
2
x
0
-
0
0
0
0
2
x
0F
F
F
7
1
x
0
-
0
0
0
0
1
x
0
6
S2
3
/
4
6
0
1
1
XXX
F
F
F
F
3
x
0
-
0
0
0
0
3
x
0F
F
F
F
1
x
0
-
0
0
0
8
1
x
0
7
S2
3
/
4
6
1
0
0
XXX
F
F
F
F
4
x
0
-
0
0
0
0
4
x
0F
F
F
7
2
x
0
-
0
0
0
0
2
x
0
8
S2
3
/
4
6
1
0
1
XXX
F
F
F
F
5
x
0
-
0
0
0
0
5
x
0F
F
F
F
2
x
0
-
0
0
0
8
2
x
0
9
S2
3
/
4
6
1
1
0
XXX
F
F
F
F
6
x
0
-
0
0
0
0
6
x
0F
F
F
7
3
x
0
-
0
0
0
0
3
x
0
0
1
S2
3
/
4
6
111
X
X
X
F
F
F
F
7
x
0
-
0
0
0
0
7
x
0F
F
F
F
3
x
0
-
0
0
0
8
3
x
0
Notes:
1.
‘X’ indicates don’t care.
2.
‘0xN. . . N’ indicates an address in hexadecimal notation.
3. The address range in byte mode is A[17:0, -1]. The address range in word mode is A[17:0].


Similar Part No. - HY29LV400TF90I

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY29LV160 HYNIX-HY29LV160 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12 HYNIX-HY29LV160BF-12 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-12I HYNIX-HY29LV160BF-12I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70 HYNIX-HY29LV160BF-70 Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
HY29LV160BF-70I HYNIX-HY29LV160BF-70I Datasheet
517Kb / 48P
   16 Mbit (2M x 8/1M x 16) Low Voltage Flash Memory
More results

Similar Description - HY29LV400TF90I

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
F49L400UA ESMT-F49L400UA Datasheet
387Kb / 47P
   4 Mbit (512K x 8/256K x 16) 3V Only CMOS Flash Memory
logo
Intel Corporation
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
logo
Hynix Semiconductor
HY29LV800 HYNIX-HY29LV800 Datasheet
556Kb / 40P
   8 Mbit (1M x 8/512K x 16) Low Voltage Flash Memory
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BV-TB INTEL-28F400BV-TB Datasheet
706Kb / 57P
   4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
ATMEL Corporation
AT49F004 ATMEL-AT49F004 Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49BV004 ATMEL-AT49BV004 Datasheet
241Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com