Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHD124246N Datasheet(PDF) 2 Page - Sensitron

Part # SHD124246N
Description  HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SHD124246N Datasheet(HTML) 2 Page - Sensitron

  SHD124246N Datasheet HTML 1Page - Sensitron SHD124246N Datasheet HTML 2Page - Sensitron SHD124246N Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SHD124246
SHD124246P
SHD124246N
SHD124246D
TECHNICAL DATA
DATA SHEET 4684, REV. -
Mechanical Dimensions: In Inches / mm
SINGLE
COMMON CATHODE
1
2
3
1
2
3
COMMON ANODE
DOUBLER
1
2
3
1
2
3
PINOUT TABLE
TYPE
PIN 1
PIN 2
PIN 3
SINGLE RECTIFIER
CATHODE
ANODE
ANODE
DUAL RECTIFIER, COMMON CATHODE (P)
ANODE 1
COMMON CATHODE
ANODE 2
DUAL RECTIFIER, COMMON ANODE (N)
CATHODE 1
COMMON ANODE
CATHODE 2
DUAL RECTIFIER, DOUBLER (D)
ANODE
CATHODE/ANODE
CATHODE
Note: The Vf curves shown are for the SD125SC200 un-packaged die only.
12
3
.270
.240
(6.86
6.10)
.045
.035
(1.14
0.89)
.140(3.56) BSC
.550
.530
(13.97
13.46)
.695
.685
(17.65
17.40)
.835
.815
(21.21
20.70)
.707
.697
(17.96
17.70)
1.302
1.202
(33.07
30.53)
.065
.055
(1.65
1.40)
3 Places
.200(5.08) BSC
2 Places
.165
.155
(4.19
3.94)
Dia.
TO-258
0.0
0.2
0.4
0.6
0.8
1.0
Forward Voltage Drop - V
F (V)
10
-2
10
-1
10
0
10
1
Typical Forward Characteristics
125 °C
200 °C
175 °C
25 °C
0
40
80
120
160
200
240
Reverse Voltage - V
R (V)
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Typical Reverse Characteristics
25 °C
50 °C
75 °C
100 °C
125 °C
150 °C
200 °C
175 °C
Typical Junction Capacitance
0
40
80
120
160
200
240
Reverse Voltage - V
R (V)
0
60
120
180
240
300
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
World Wide Web - http://www.sensitron.com
E-mail Address - sales@sensitron.com


Similar Part No. - SHD124246N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124244 SENSITRON-SHD124244 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124244D SENSITRON-SHD124244D Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124244N SENSITRON-SHD124244N Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124244P SENSITRON-SHD124244P Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
More results

Similar Description - SHD124246N

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHD124434 SENSITRON-SHD124434_08 Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124244 SENSITRON-SHD124244 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124544 SENSITRON-SHD124544 Datasheet
85Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124545P SENSITRON-SHD124545P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124546 SENSITRON-SHD124546 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124146 SENSITRON-SHD124146 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124645P SENSITRON-SHD124645P Datasheet
84Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124646 SENSITRON-SHD124646 Datasheet
57Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124634 SENSITRON-SHD124634_08 Datasheet
53Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
SHD124234 SENSITRON-SHD124234 Datasheet
86Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com