Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-102FP012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JQX-102FP012
Description  MINIATURE HIGH POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-102FP012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JQX-102FP012 Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-102FP012 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHARACTERISTICS CURVE
0.1
10
5
1
0.5
50
100
250VAC
INDUCTIVE LOAD
(cosØ=0.4)
AC resistive load
10
(cosØ=0.4)
2
0
12
10
8
6
4
14
20
18
16
22
250VAC
INDUCTIVE LOAD
500
100
50
250VAC
resistive load
MAXIMUM SWITCHING POWER
Contact Voltage (V)
LIFE CURVE
Contact Current (A)
30.5max.
1.5
1.5
0.81
1.5
0.3
3.5
1.5
0.81
27.6
+0.1
-0.1
3.5
4
1
N.O
2
COM.
3
4-1.8
+0.1
0
0.81
2
6.35
JQX-102F
3.4
JQX-102F-P
30.5max.
0.3
6.25
+0.1
-0.1
5.75
+0.1
-0.1
22
+0.1
-0.1
12
+0.05
-0.05
4
3
150
Coil voltage
5, 12, 24, 48VDC
JQX-102F /
P
012
Termination
P: PCB Nil: PCB & QC
ORDERING INFORMATION
Type
OUTLINE DIMENSIONS, WIRING DIAGRAM AND PC BOARD LAYOUT
Outline Dimensions
Wiring Diagram
PCB layout
Contact matcrial
T: AgSnO2
Nil: AgCdO
T


Similar Part No. - JQX-102FP012

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JQX-102F DBLECTRO-JQX-102F Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
JQX-102F DBLECTRO-JQX-102F Datasheet
418Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
logo
HuaXinAn Electronics CO...
JQX-102FA HUAXINAN-JQX-102FA Datasheet
489Kb / 1P
   Can be welded directly onto PCB.
logo
DB Lectro Inc
JQX-102FAZ20BDC12C0.9 DBLECTRO-JQX-102FAZ20BDC12C0.9 Datasheet
418Kb / 3P
   Used in household appliances like air conditioning , heater and instruments etc
JQX-102FAZ20BDC12V0.9 DBLECTRO-JQX-102FAZ20BDC12V0.9 Datasheet
140Kb / 2P
   Used in household appliance like air conditioning , heater and instruments etc.
More results

Similar Description - JQX-102FP012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com