Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T8008C2M-B Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K6T8008C2M-B
Description  1Mx8 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T8008C2M-B Datasheet(HTML) 8 Page - Samsung semiconductor

  K6T8008C2M-B Datasheet HTML 1Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 2Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 3Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 4Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 5Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 6Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 7Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 8Page - Samsung semiconductor K6T8008C2M-B Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
K6T8008C2M Family
Revision 1.00
February 2000
8
CMOS SRAM
DATA RETENTION WAVE FORM
CS1 controlled
VCC
4.5V
2.4V
VDR
CS1
GND
Data Retention Mode
CS1
≥VCC - 0.2V
tSDR
tRDR
TIMING WAVEFORM OF WRITE CYCLE(3) (CS2 Controlled)
Address
CS1
tAW
NOTES (WRITE CYCLE)
1. A write occurs during the overlap of a low CS1, a high CS2 and a low WE. A write begins at the latest transition among CS1 goes low,
CS2 going high and WE going low : A write end at the earliest transition among CS1 going high, CS2 going low and WE going high,
tWP is measured from the begining of write to the end of write.
2. tCW is measured from the CS1 going low or CS2 going high to the end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS1 or WE going high tWR2 applied
in case a write ends as CS2 going to low.
CS2
tCW(2)
WE
Data in
Data Valid
Data out
High-Z
High-Z
tCW(2)
tWR(4)
tWP(1)
tDW
tDH
tAS(3)
tWC
CS2 controlled
VCC
4.5V
0.4V
VDR
CS2
GND
Data Retention Mode
tSDR
tRDR
CS2
≤0.2V


Similar Part No. - K6T8008C2M-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T8016C3M SAMSUNG-K6T8016C3M Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
K6T8016C3M-B SAMSUNG-K6T8016C3M-B Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
K6T8016C3M-F SAMSUNG-K6T8016C3M-F Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
K6T8016C3M-RB55 SAMSUNG-K6T8016C3M-RB55 Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
K6T8016C3M-RB70 SAMSUNG-K6T8016C3M-RB70 Datasheet
146Kb / 9P
   512Kx16 bit Low Power CMOS Static RAM
More results

Similar Description - K6T8008C2M-B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X8008C2B SAMSUNG-K6X8008C2B Datasheet
131Kb / 9P
   1Mx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4016V3C SAMSUNG-K6T4016V3C Datasheet
154Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6T4008V1C SAMSUNG-K6T4008V1C Datasheet
186Kb / 10P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
List of Unclassifed Man...
EDI8F81026C ETC1-EDI8F81026C Datasheet
154Kb / 6P
   1Mx8 STATIC RAM CMOS, MODULE
logo
Samsung semiconductor
K6F1008V2C SAMSUNG-K6F1008V2C Datasheet
126Kb / 9P
   128Kx8 bit Super Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com