Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA9259EDTF Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KA9259EDTF
Description  5-Channel Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA9259EDTF Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA9259EDTF Datasheet HTML 1Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 2Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 3Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 4Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 5Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 6Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 7Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 8Page - Fairchild Semiconductor KA9259EDTF Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 1.0.1
February. 2000.
1
Features
• 1-phase, full-wave, linear DC motor driver
• Built-in TSD (Thermal shutdown) circuit
• Built-in 5V regulator (With an external PNP Transistor)
• Built-in mute circuit
• Built-in loading motor speed control circuit
• Wide operating supply voltage range: 6V~13.2V
Description
The KA9259D is a monolithic integrated circuit, suitable for
5-ch motor driver which drives focus actuator, tracking actu-
ator, sled motor, spindle motor and loading motor of CD sys-
tem.
28-SSOPH-375
Typical Applications
• Compact disk player (CDP)
• Video compact disk player (VCD)
• Automotive compact disk player (CDP)
• Other compact disk media
Ordering Information
Device
Package
Operating Temp.
KA9259CD
28-SSOPH-375
−25°C ~ +75°C
KA9259CDTF 28-SSOPH-375
−25°C ~ +75°C
KA9259ED
28-SSOPH-375
−25°C ~ +75°C
KA9259EDTF 28-SSOPH-375
−25°C ~ +75°C
KA9259D
5-Channel Motor Driver


Similar Part No. - KA9259EDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA9259EDTF FAIRCHILD-KA9259EDTF Datasheet
296Kb / 16P
   5-Channel Motor Drive IC
More results

Similar Description - KA9259EDTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8001D FAIRCHILD-FAN8001D Datasheet
288Kb / 14P
   5-Channel Motor Driver
KA9260D FAIRCHILD-KA9260D Datasheet
295Kb / 15P
   5-CHANNEL MOTOR DRIVER
FAN8025G3 FAIRCHILD-FAN8025G3 Datasheet
189Kb / 13P
   5-Channel Motor Driver
logo
Mitsubishi Electric Sem...
M56758FP MITSUBISHI-M56758FP Datasheet
334Kb / 9P
   5 CHANNEL ACTUATOR MOTOR DRIVER
logo
Fairchild Semiconductor
FAN8705 FAIRCHILD-FAN8705 Datasheet
528Kb / 24P
   5 Channel DSC Motor Driver
logo
Aimtron Technology
AT5558 AIMTRON-AT5558 Datasheet
223Kb / 13P
   5-Channel DSC Motor Driver
logo
Fairchild Semiconductor
FAN8725 FAIRCHILD-FAN8725 Datasheet
259Kb / 20P
   Spindle Motor and 5-Channel Motor Driver
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com