Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2847 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2847
Description  Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2847 Datasheet(HTML) 2 Page - Linear Technology

  LTC2847 Datasheet HTML 1Page - Linear Technology LTC2847 Datasheet HTML 2Page - Linear Technology LTC2847 Datasheet HTML 3Page - Linear Technology LTC2847 Datasheet HTML 4Page - Linear Technology LTC2847 Datasheet HTML 5Page - Linear Technology LTC2847 Datasheet HTML 6Page - Linear Technology LTC2847 Datasheet HTML 7Page - Linear Technology LTC2847 Datasheet HTML 8Page - Linear Technology LTC2847 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC2847
sn2847 2847fs
ORDER PART
NUMBER
(Note 1)
VCC Voltage.............................................. –0.3V to 6.5V
VIN Voltage .............................................. –0.3V to 6.5V
Input Voltage
Transmitters ........................... – 0.3V to (VCC + 0.3V)
Receivers ............................................... – 18V to 18V
Logic Pins .............................. – 0.3V to (VCC + 0.3V)
Output Voltage
Transmitters ................. (VEE – 0.3V) to (VDD + 0.3V)
Receivers ................................. – 0.3V to (VIN + 0.3V)
VEE........................................................ – 10V to 0.3V
VDD ....................................................... – 0.3V to 10V
Short-Circuit Duration
Transmitter Output ..................................... Indefinite
Receiver Output .......................................... Indefinite
VEE.................................................................. 30 sec
Operating Temperature Range
LTC2847C ............................................... 0
°C to 70°C
LTC2847I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LTC2847CUHF
LTC2847IUHF
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VIN = 3.3V, unless otherwise noted (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
Consult LTC Marketing for parts specified with wider operating temperature ranges.
UHF PART
MARKING
2847
2847I
13 14 15 16
TOP VIEW
UHF PACKAGE
38-LEAD (7mm
× 5mm) PLASTIC QFN
UNDERSIDE METAL INTERNALLY CONNECTED TO VEE
(PCB CONNECTION OPTIONAL)
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
23
22
21
20
9
10
11
12
NC
VDD
NC
VCC
D1
D2
D3
R1
R2
R3
M0
M1
GND
GND
D1 A
D1 B
D2 A
D2 B
D3/R1 A
D3/R1 B
NC
NC
R2 A
R2 B
TJMAX = 125°C, θJA = 34°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
ICC
VCC Supply Current (DCE Mode,
RS530, RS530-A, X.21 Modes, No Load
14
mA
All Digital Pins = GND or VIN)
RS530, RS530-A, X.21 Modes, Full Load
q
100
130
mA
V.35 Mode
q
126
170
mA
V.28 Mode, No Load
20
mA
V.28 Mode, Full Load
q
35
75
mA
No-Cable Mode
q
300
900
µA
IVIN
VIN Supply Current
All Modes Except No-Cable Mode
405
µA
(DCE Mode, All Digital Pins = GND or VIN)
PD
Internal Power Dissipation (DCE Mode)
RS530, RS530-A, X.21 Modes, Full Load
410
mW
V.35 Mode, Full Load
625
mW
V.28 Mode, Full Load
150
mW
V +
Positive Charge Pump Output Voltage
V.11 or V.28 Mode, No Load
q
8
9.3
V
V.35 Mode
q
7
8.0
V
V.28 Mode, with Load
q
8
8.7
V
V.28 Mode, with Load, IDD = 10mA
6.5
V


Similar Part No. - LTC2847

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2847 LINER-LTC2847_15 Datasheet
249Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
More results

Similar Description - LTC2847

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2847 LINER-LTC2847_15 Datasheet
249Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC1546 LINER-LTC1546 Datasheet
265Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
LTC1546 LINER-LTC1546_15 Datasheet
288Kb / 20P
   Software-Selectable Multiprotocol Transceiver with Termination
LTC2845 LINER-LTC2845_15 Datasheet
255Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845 Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com