Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1701 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX1701
Description  2W Filterless Mono Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1701 Datasheet(HTML) 3 Page - Microsemi Corporation

  LX1701 Datasheet HTML 1Page - Microsemi Corporation LX1701 Datasheet HTML 2Page - Microsemi Corporation LX1701 Datasheet HTML 3Page - Microsemi Corporation LX1701 Datasheet HTML 4Page - Microsemi Corporation LX1701 Datasheet HTML 5Page - Microsemi Corporation LX1701 Datasheet HTML 6Page - Microsemi Corporation LX1701 Datasheet HTML 7Page - Microsemi Corporation LX1701 Datasheet HTML 8Page - Microsemi Corporation LX1701 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LX1701
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove CA. 92841 714-898-8121, FAX 714-893-2570
Page 3
2W Filterless Mono Class-D Audio Amplifier
Copyright
© 2004
Rev. 1.0a, 2004-07-09
TM
®
SY STEM CHARACT ER ISTICS
Unless otherwise specified, the following specifications apply over the operating ambient temperature TA = 25°C except where otherwise
noted and the following test conditions: Default settings: 20Hz corner low frequency, 14dB gain.
LX1701
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
No Load, VDD = PVDD = 1.8V
0.9
1.2
No Load, VDD = PVDD = 3.3V
1.3
1.8
Supply Current, Quiescent
IQQ
No Load, VDD = PVDD = 5.0V
2.0
2.5
mA
Supply Current, Shutdown Mode
IQQSD
Disable pin active
1
µA
THD+N = 1%
1.3
VDD = PVDD = 5V,
Fin = 1kHz
THD+N = 10%
1.8
THD+N = 1%
0.5
Output Power @ 8 Ohms
PO
VDD = PVDD = 3.3V,
Fin = 1kHz
THD+N = 10%
0.7
W
THD+N = 1%
2.1
VDD = PVDD = 5V,
Fin = 1kHz
THD+N = 10%
2.8
THD+N = 1%
0.9
Output Power @ 4 Ohms
PO
VDD = PVDD = 3.3V,
Fin = 1kHz
THD+N = 10%
1.2
W
THD+N = 1%
3.0
VDD = PVDD = 5V,
Fin = 1kHz
THD+N = 10%
3.9
THD+N = 1%
1.3
Output Power @ 2 Ohms
PO
VDD = PVDD = 3.3V,
Fin = 1kHz
THD+N = 10%
1.8
W
Power Efficiency
η
VDD = PVDD = 5V, Fin = 1kHz, RL = 8
85
%
Total Harmonic Distortion @ 50% of
Max Power
THD+N
VDD = PVDD = 5V, Fin = 1kHz, RL = 8
0.09
%
Signal-to-Noise Ratio
SNR
VDD = PVDD = 5V, F = 1KHz, PO = 1W,
A-Weighted
99
dB
Output Noise Floor
VN
Input Grounded A-weighted 20-20kHz
25
µVRMS
FLO
3dB relative to 1kHz, BW Select = VSS
20
Hz
Frequency Response Lower Corner
Frequency
FHI
3dB relative to 1kHz, BW Select = VDD
300
Hz
Frequency Response
VDD = PVDD = 1.8 to 5.5V, RL = 4 Ω ,
PO = 200mW @ 20~80KHz, filterless
3
dB
Power Supply Rejection Ratio
PSRR
VDD = PVDD = 1.8V to 5.5V
65
dB
Common Mode Rejection Ratio
CMRR
VDD = PVDD = 1.8V to 5.5V
70
dB
Pin 9 tied to VDD, VDD = PVDD = 1.8V to 5.5V
14
Gain
GSYS
Pin 9 tied to VSS, VDD = PVDD = 1.8V to 5.5V
8
dB


Similar Part No. - LX1701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
More results

Similar Description - LX1701

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
   2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8003 PAM-PAM8003 Datasheet
62Kb / 1P
   Filterless 2W Class-D Stereo Audio Amplifier
logo
Analog Devices
SSM2306 AD-SSM2306_16 Datasheet
416Kb / 16P
   2W, Filterless, Class-D Stereo Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
   Filterless 3W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
   2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
   Filterless 30W Class D Mono Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
   2.5W Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
   2.5W Filterless Class-D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com