Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08003HS-14A00 Datasheet(PDF) 1 Page - YEONHO ELECTRONICS

Part # 08003HS-14A00
Description  0.80 mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEONHO [YEONHO ELECTRONICS]
Direct Link  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

08003HS-14A00 Datasheet(HTML) 1 Page - YEONHO ELECTRONICS

  08003HS-14A00 Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 08003HS-14A00

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0800300 PHOENIX-0800300 Datasheet
6Mb / 76P
   THERMOMARK LINE
0800301 PHOENIX-0800301 Datasheet
6Mb / 76P
   THERMOMARK LINE
0800302 PHOENIX-0800302 Datasheet
6Mb / 76P
   THERMOMARK LINE
0800303 PHOENIX-0800303 Datasheet
6Mb / 76P
   THERMOMARK LINE
0800304 PHOENIX-0800304 Datasheet
6Mb / 76P
   THERMOMARK LINE
More results

Similar Description - 08003HS-14A00

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SESDT SAMTEC-SESDT Datasheet
333Kb / 1P
   (0.80 mm) .0315" PITCH • DISCRETE WIRE CABLE ASSEMBLY/COMPONENTS
logo
Molex Electronics Ltd.
0766933170 MOLEX9-0766933170 Datasheet
607Kb / 8P
   0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 170 Circuits
0467200016 MOLEX6-0467200016 Datasheet
1Mb / 14P
   0.80 mm (.031") Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, PCB Mating Thickness 1.57mm (.062")
0766931170 MOLEX9-0766931170 Datasheet
1Mb / 13P
   0.80 mm (.031) Pitch EdgeLine??12.5 Gbps Edge Card Connector, 170 Circuits, PCB Mating Thickness 2.36mm (.093)
logo
Shanghai Toplite Techno...
A-1608BUW-S TOPLITE-A-1608BUW-S Datasheet
398Kb / 7P
   1.60*0.80 SMD
logo
Marktech Corporate
MTN2280-AG MARKTECH-MTN2280-AG Datasheet
45Kb / 1P
   Marktech 0.80 Dual Digit
logo
Molex Electronics Ltd.
0766912108 MOLEX9-0766912108 Datasheet
570Kb / 8P
   0.80 mm (.031) Pitch EdgeLine??12.5 Gbps Edge Card Connector, 108 Circuits, 3 Bays, PCB Mating Thickness 1.57mm (.062)
logo
Hubbell Incorporated.
YAITWS1814W HUBBELL-YAITWS1814W Datasheet
268Kb / 1P
   Instant Tap Connector, 18-14 AWG, 0.80" L
logo
LUMEX INC.
LDS-A812RI LUMEX-LDS-A812RI Datasheet
56Kb / 1P
   0.80 SEVEN SEGMENT, LED DISPLAY
logo
China Semiconductor Cor...
CSS-816A9 CHINASEMI-CSS-816A9 Datasheet
189Kb / 6P
   0.80 Inch Single Digit Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com