Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21L216128A-15T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # M21L216128A-15T
Description  128 K x 16 SRAM HIGH SPEED CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

M21L216128A-15T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button M21L216128A-15T Datasheet HTML 2Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 3Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 4Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 5Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 6Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 7Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 8Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 9Page - List of Unclassifed Manufacturers M21L216128A-15T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
$%
M21L216128A
Elite Semiconduture Memory Technology Inc
Publication Date : Sep. 2000
Revision : 1.0
6/14
NOTES
1.
All voltages referenced to GND (VSS).
2.
Overshoot : VIH
+6.0V for ttRC /2.
Undershoot : VIL
-2.0V for ttRC /2.
3.
ICC is given without output current. ICC increases with greater output loading and faster cycle times.
4.
This parameter is sampled.
5.
Test conditions as specified with the output loading as shown in Fig. 1 unless otherwise noted.
6.
Output loading is specified with CL=5pF as in Fig.2. Transition is measured
± 500mV from steady static voltage.
7.
At any give temperature and voltage conditions, tCHZ is less than tCLZ and tWHZ is less than tOW
8.
WE is High for Read cycle.
9.
Device is continuously selected. Chip enable and output enables are held in their active state.
10. Address valid prior to, or coincident with, latest occurring chip enable.
11. tRC=Read Cycle Time.
12. Chip Enable and Write Enable can initiate and terminate a Write cycle.
13. Capacitance derating applies to capacitance different from the load capacitance shown in
Fig. 1.


Similar Part No. - M21L216128A-15T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M21L11664A ETC-M21L11664A Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10J ETC-M21L11664A-10J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-10T ETC-M21L11664A-10T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8J ETC-M21L11664A-8J Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
M21L11664A-8T ETC-M21L11664A-8T Datasheet
179Kb / 15P
   HIGH SPEED CMOS SRAM
More results

Similar Description - M21L216128A-15T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L102416A LYONTEK-LY61L102416A_17 Datasheet
852Kb / 17P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616 Datasheet
180Kb / 14P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L12816 LYONTEK-LY61L12816 Datasheet
164Kb / 13P
   128K X 16 BIT HIGH SPEED CMOS SRAM
LY61L102416A LYONTEK-LY61L102416A_13 Datasheet
360Kb / 13P
   1024K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616 LYONTEK-LY61L25616_17 Datasheet
669Kb / 13P
   256K X 16 BIT HIGH SPEED CMOS SRAM
LY61L51216A LYONTEK-LY61L51216A_16 Datasheet
793Kb / 15P
   512K X 16 BIT HIGH SPEED CMOS SRAM
LY61L25616A LYONTEK-LY61L25616A_13 Datasheet
454Kb / 15P
   256K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com