Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA720 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MA720
Description  Silicon epitaxial planar type For high frequency rectification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA720 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA720 Datasheet HTML 1Page - Panasonic Semiconductor MA720 Datasheet HTML 2Page - Panasonic Semiconductor MA720 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Schottky Barrier Diodes (SBD)
1
Publication date: April 2004
SKH00079CED
MA3X720 (MA720)
Silicon epitaxial planar type
For high frequency rectification
■ Features
• Forward current (Average) I
F(AV) = 500 mA rectification is
possible
• Optimum for high frequency rectification because of its short
reverse recovery time trr
• Low forward voltage V
F and good rectification efficiency
■ Absolute Maximum Ratings T
a = 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
40
V
Maximum peak reverse voltage
VRM
40
V
Forward current (Average)
IF(AV)
500
mA
Non-repetitive peak forward
IFSM
2A
surge current *
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF
= 500 mA
0.55
V
Reverse current
IR
VR
= 35 V
100
µA
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
60
pF
Reverse recovery time *
trr
IF
= I
R
= 100 mA
5
ns
Irr
= 0.1 I
R, RL
= 100 Ω
■ Electrical Characteristics T
a
= 25°C ± 3°C
Bias Application Unit (N-50BU)
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
Wave Form Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 IR
t
r
t
p
t
rr
V
R
I
F
t
t
A
Internal Connection
Marking Symbol: M2W
12
3
Unit: mm
1: Anode
2: N.C.
3: Cathode
EIAJ: SC-59
Mini3-G1 Package
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. This product is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a human body
and the leakage of current from the operating equipment.
3. Absolute frequency of input and output is 400 MHz.
4. *: trr measurement circuit
Note) The part number in the parenthesis shows conventional part number.
Note) *: The peak-to-peak value in one cycle of 50 Hz sine wave (non-repetitive)


Similar Part No. - MA720

ManufacturerPart #DatasheetDescription
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA7201P4 MPOWER-MA7201P4 Datasheet
388Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA7202 MPOWER-MA7202 Datasheet
326Kb / 6P
   Complementary Output Hall Effect Fan Driver
MA7202P4 MPOWER-MA7202P4 Datasheet
326Kb / 6P
   Complementary Output Hall Effect Fan Driver
More results

Similar Description - MA720

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
DB2X41400L PANASONIC-DB2X41400L Datasheet
362Kb / 5P
   Silicon epitaxial planar type For high frequency rectification
MA2Q73600L PANASONIC-MA2Q73600L Datasheet
241Kb / 3P
   Silicon epitaxial planar type For high frequency rectification
DB2X41400L PANASONIC-DB2X41400L Datasheet
340Kb / 5P
   Silicon epitaxial planar type For high frequency rectification
MA22D23 PANASONIC-MA22D23 Datasheet
76Kb / 3P
   Silicon epitaxial planar type For high frequency rectification
DA2DF62 PANASONIC-DA2DF62 Datasheet
431Kb / 3P
   Silicon epitaxial planar type For high frequency rectification
DB2X4100L PANASONIC-DB2X4100L Datasheet
362Kb / 5P
   Silicon epitaxial planar type For high frequency rectification
DB2X41500L PANASONIC-DB2X41500L Datasheet
317Kb / 5P
   Silicon epitaxial planar type For frequency rectification
DB24404 PANASONIC-DB24404 Datasheet
482Kb / 3P
   Silicon epitaxial planar type For rectification
DB3J407K PANASONIC-DB3J407K Datasheet
370Kb / 4P
   Silicon epitaxial planar type For high frequency retification
MA2SP02 PANASONIC-MA2SP02 Datasheet
56Kb / 3P
   Silicon epitaxial planar type For high frequency switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com