Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC9-65608EV-30SB Datasheet(PDF) 8 Page - ATMEL Corporation

Part # SMC9-65608EV-30SB
Description  Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SMC9-65608EV-30SB Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button SMC9-65608EV-30SB Datasheet HTML 4Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 5Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 6Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 7Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 8Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 9Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 10Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 11Page - ATMEL Corporation SMC9-65608EV-30SB Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
M65608E
4151I–AERO–03/04
Read Cycle
Note:
1. Parameters Guaranteed, not tested, with output loading 5 pF.
Symbol
Parameter
65608-30
65608-45
Unit
Value
TAVAV
Read cycle time
30
45
ns
min
TAVQV
Address access time
30
45
ns
max
TAVQX
Address valid to low Z
(1)
55
ns
min
TE1LQV
Chip-select1 access time
30
45
ns
max
TE1LQX
CS1 low to low Z
(1)
33
ns
min
TE1HQZ
CS1 high to high Z
(1)
15
20
ns
max
TE2HQV
Chip-select2 access time
30
45
ns
max
TE2HQX
CS2 high to low Z
(1)
33
ns
min
TE2LQZ
CS2 low to high Z
(1)
15
20
ns
max
TGLQV
Output Enable access time
12
15
ns
max
TGLQX
OE low to low Z
(1)
00
ns
min
TGHQZ
OE high to high Z
(1)
815
ns
max


Similar Part No. - SMC9-65608EV-30SB

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC9.0 SUNMATE-SMC9.0 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC9.0A SUNMATE-SMC9.0A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC9.0C SUNMATE-SMC9.0C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC9.0CA SUNMATE-SMC9.0CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Lite-On Technology Corp...
SMC9.1C LITEON-SMC9.1C Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMC9-65608EV-30SB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com