Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1844EEP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1844EEP
Description  High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1844EEP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1844EEP Datasheet HTML 7Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 8Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 9Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 10Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 11Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 12Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 13Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 14Page - Maxim Integrated Products MAX1844EEP Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
battery supply, the enable signal (SHDN) must be
delayed until the battery voltage is present in order to
ensure startup. The 5V bias supply provides VCC and
gate-drive power, so the maximum current drawn is:
IBIAS = ICC + f (QG1 + QG2) = 5mA to 30mA (typ)
where ICC is 550µA (typ), f is the switching frequency,
and QG1 and QG2 are the MOSFET data sheet total
gate-charge specification limits at VGS = 5V.
Free-Running, Constant-On-Time PWM
Controller with Input Feed-Forward
The Quick-PWM control architecture is a pseudo-fixed-fre-
quency, constant-on-time on-demand PWM with voltage
feed-forward (Figure 2). This architecture relies on the out-
put filter capacitor’s ESR to act as a current-sense resistor,
so the output ripple voltage provides the PWM ramp sig-
nal. The control algorithm is simple: the high-side switch
on-time is determined solely by a one-shot whose pulse
High-Speed Step-Down Controller with
Accurate Current Limit for Notebook Computers
______________________________________________________________________________________
11
Figure 2. MAX1844 Functional Diagram
REF
-10%
FROM
OUT
REF
FB
ERROR
AMP
TOFF
TON
REF
+10%
FEEDBACK
MUX
(SEE FIGURE 6)
CHIP
SUPPLY
x2
1.0V
R
0.1V
POR
OVP
9R
ILIM
VCC - 1V
VCC - 1V
VCC - 1V
SHDN
PGOOD
ON-TIME
COMPUTE
TON
1-SHOT
1-SHOT
TRIG
IN
2V TO 28V
TRIG
Q
Q
S
R
2V
REF
REF
5V
OUTPUT
DL
CS
GND
VCC
VDD
LX
ZERO CROSSING
CURRENT
LIMIT
DH
BST
5V
+5V
Q
SKIP
TON
LATCH
V+
Σ
MAX1844
S
R
Q
0.7V
1.14V
UVP
20ms
TIMER
OVP/UVP
LATCH
0.1V
OUT


Similar Part No. - MAX1844EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX184 MAXIM-MAX184 Datasheet
493Kb / 12P
   High-Speed 12-Bit A/D Converters With External Refernce input
19-3127; Rev 0; 4/91
MAX1840 MAXIM-MAX1840 Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1840EUB MAXIM-MAX1840EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1841EUB MAXIM-MAX1841EUB Datasheet
290Kb / 8P
   Low-Voltage SIM/Smart Card Level Translators in uMAX
Rev 0; 4/00
MAX1842 MAXIM-MAX1842 Datasheet
597Kb / 16P
   1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 1; 2/02
More results

Similar Description - MAX1844EEP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
   High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
   HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com