Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3571 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3571
Description  HI-IF Single-Chip Broadband Tuners
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3571 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3571 Datasheet HTML 3Page - Maxim Integrated Products MAX3571 Datasheet HTML 4Page - Maxim Integrated Products MAX3571 Datasheet HTML 5Page - Maxim Integrated Products MAX3571 Datasheet HTML 6Page - Maxim Integrated Products MAX3571 Datasheet HTML 7Page - Maxim Integrated Products MAX3571 Datasheet HTML 8Page - Maxim Integrated Products MAX3571 Datasheet HTML 9Page - Maxim Integrated Products MAX3571 Datasheet HTML 10Page - Maxim Integrated Products MAX3571 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
_______________________________________________________________________________________
7
-9.5
-8.0
-8.5
-9.0
-7.5
RFIN INPUT RETURN LOSS
RF FREQUENCY (MHz)
50
250
450
650
850
30
40
35
50
45
55
60
19
29
24
34
39
INPUT IP2 vs. VOLTAGE GAIN
VOLTAGE GAIN (dB)
TA = +25
°C
TA = +55
°C
TA = +70
°C
3
8
18
13
23
28
INPUT IP3 vs. VOLTAGE GAIN
VOLTAGE GAIN (dB)
19
29
24
34
39
TA = +55
°C
TA = +25
°C
TA = +70
°C
IFVGA VOLTAGE GAIN vs. IFVGA VOLTAGE
IFVGA VOLTAGE (V)
2.8
2.3
1.8
1.3
0.8
15
20
25
30
35
40
45
50
55
60
10
0.3
3.3
IFVGA VOLTAGE GAIN vs. IF FREQUENCY
IF FREQUENCY (MHz)
100
10
42
44
46
48
50
52
54
56
58
40
1
1000
TA = +55
°C
TA = +70
°C
TA = +25
°C
IFVGA NOISE FIGURE vs. IFVGA VOLTAGE
IFVGA VOLTAGE (V)
3.0
2.7
2.4
2.1
1.8
1.5
1.2
0.9
10
15
20
25
30
5
0.6
3.3
TA = +70
°C
TA = +55
°C
TA = +25
°C
IFVGA INPUT IP3 vs. IFVGA VOLTAGE
IFVGA VOLTAGE (V)
2.8
2.3
1.8
1.3
0.8
-35
-30
-25
-20
-15
-10
-5
-40
0.3
3.3
TA = +25
°C
TA = +55
°C
TA = +70
°C
Typical Operating Characteristics (continued)
(MAX357_ EV kit, VCC = +5.0V, RBIAS = 5.9k
Ω, fRF = 860MHz, fIF = 44MHz (MAX3570/MAX3571), 36MHz (MAX3573), TA = +25°C,
unless otherwise noted.)


Similar Part No. - MAX3571

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX350 MAXIM-MAX350 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
More results

Similar Description - MAX3571

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Future Technology Devic...
FT313HQ-T FTDI-FT313HQ-T Datasheet
1Mb / 67P
   Single chip USB2.0 Hi-Speed compatible
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com