Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3573 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3573
Description  HI-IF Single-Chip Broadband Tuners
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3573 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3573 Datasheet HTML 1Page - Maxim Integrated Products MAX3573 Datasheet HTML 2Page - Maxim Integrated Products MAX3573 Datasheet HTML 3Page - Maxim Integrated Products MAX3573 Datasheet HTML 4Page - Maxim Integrated Products MAX3573 Datasheet HTML 5Page - Maxim Integrated Products MAX3573 Datasheet HTML 6Page - Maxim Integrated Products MAX3573 Datasheet HTML 7Page - Maxim Integrated Products MAX3573 Datasheet HTML 8Page - Maxim Integrated Products MAX3573 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +5.5V
IFIN_, IFOUT1_, IFOUT2_, RFIN_, TUNE_,
LOCFLT_, CPOUT_, OSCIN, OSCOUT,
IFVGA, RFVGA, BIAS, LNABIAS,
ADDR_, CS, SCL, SDA, DIV/LD...............-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
48-Pin QFN (derate 27mW/°C above +70°C) ............2162mW
Operating Temperature Range...............................0°C to +70°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(MAX357_ EV kit, VCC = +4.75V to +5.25V, RBIAS = 5.9k
Ω ±1%, no AC signal applied, TA = 0°C to +70°C, unless otherwise noted.
Typical values are at VCC = +5.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY VOLTAGE AND SUPPLY CURRENT
Supply Voltage
4.75
5.25
V
At TA = +25
°C, VRFVGA = +3.0V
320
Supply Current
At TA = +70
°C, VRFVGA = +0.5V
385
mA
RF and IF VGA Input Bias Current
VRFVGA = VIFVGA = +0.5V and +3.0V
-50
+50
µA
Maximum gain
3
RF and IF VGA Control Voltage
Minimum gain
0.5
V
LOGIC INTERFACE
Input-Logic Low (VIL)
0.9
V
Input-Logic High (VIH)
2.3
V
Input Logic Current
-10
+10
µA
Output-Logic Low
Sink current = 3mA
0.4
V
Output-Logic High
Source current = 3mA
2.8
V
CAUTION! ESD SENSITIVE DEVICE


Similar Part No. - MAX3573

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX350 MAXIM-MAX350 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
More results

Similar Description - MAX3573

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Future Technology Devic...
FT313HQ-T FTDI-FT313HQ-T Datasheet
1Mb / 67P
   Single chip USB2.0 Hi-Speed compatible
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com