Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8959818VTC Datasheet(PDF) 4 Page - ATMEL Corporation

Part # 5962-8959818VTC
Description  Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

5962-8959818VTC Datasheet(HTML) 4 Page - ATMEL Corporation

  5962-8959818VTC Datasheet HTML 1Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 2Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 3Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 4Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 5Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 6Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 7Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 8Page - ATMEL Corporation 5962-8959818VTC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
M65608E
4151I–AERO–03/04
Electrical Characteristics
Absolute Maximum Ratings
Military Operating Range
Recommended DC Operating
Conditions
Capacitance
Note:
1. Guaranteed but not tested.
Supply voltage to GND potential:..........................-0.5V + 7.0V
DC input voltage: ..............................GND - 0.5V to VCC + 0.5
DC output voltage high Z state: ........GND - 0.5V to VCC + 0.5
Storage temperature: ..................................... -65
°C to +150°C
Output current into outputs (low): .................................. 20 mA
Electro statics discharge voltage: ............................... > 2001V
(MIL STD 883D method 3015.3)
*NOTE:
Stresses greater than those listed under Absolute Max-
imum Ratings may cause permanent damage to the
device.This is a stress rating only and functional opera-
tion of the device at these or any other conditions
above those indicated in the operational sections of
this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect reliability.
Operating Voltage
Operating Temperature
5V + 10%
-55
°C to + 125°C
Parameter
Description
Minimum
Typical
Maximum
Unit
VCC
Supply voltage
4.5
5.0
5.5
V
GND
Ground
0.0
0.0
0.0
V
V
IL
Input low voltage
GND - 0.5
0.0
0.8
V
VIH
Input high voltage
2.2
VCC + 0.5
V
Parameter
Description
Minimum
Typical
Maximum
Unit
Cin
(1)
Input low voltage
––8
pF
Cout
(1)
Output high
voltage
––8
pF


Similar Part No. - 5962-8959818VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-8959818VTC ATMEL-5962-8959818VTC Datasheet
798Kb / 16P
   Rad. Tolerant 128Kx8, 5-Volt Very Low Power CMOS SRAM
More results

Similar Description - 5962-8959818VTC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
M65608E ATMEL-M65608E_07 Datasheet
1Mb / 16P
   Rad. Tolerant 128K x 8 5-volts Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_09 Datasheet
352Kb / 13P
   Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
   Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
   Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com