Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5128ELA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5128ELA
Description  128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm uDFN Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5128ELA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5128ELA Datasheet HTML 1Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 2Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 3Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 4Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 5Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 6Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 7Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 8Page - Maxim Integrated Products MAX5128ELA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
128-Tap, Nonvolatile, Linear-Taper Digital
Potentiometer in 2mm x 2mm µDFN Package
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.25V, H = VCC, L = GND, TA = -40°C to +85°C. Typical values are at VCC = +5.0V, TA = +25°C, unless otherwise noted.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NONVOLATILE MEMORY RELIABILITY
Data Retention
TA = +85°C
50
Years
TA = +25°C
80,000
Endurance
TA = +85°C
50,000
Stores
POWER SUPPLY
Supply Voltage
VCC
2.70
5.25
V
Average Programming Current
IPG
During nonvolatile write only;
digital inputs = VCC or GND
220
400
µA
Peak Programming Current
IPK
During nonvolatile write only;
digital inputs = VCC or GND
4mA
Standby Current
ICC
Digital inputs = VCC or GND, TA = +25°C
0.5
1.5
µA
TIMING CHARACTERISTICS
(VCC = +2.7V to +5.25V, H = VCC, L = GND, TA = -40°C to +85°C. Typical values are at VCC = +5.0V, TA = +25°C, unless otherwise noted.)
(See Figures 1, 2, 3, and 4).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ANALOG SECTION
Wiper Settling Time
tS
(Note 7)
500
ns
DIGITAL SECTION
UP or DN Pulse-Width High
tPWH
80
ns
UP or DN Pulse-Width Low
tPWL
80
ns
UP or DN Glitch Immunity
tIMMU
20
ns
UP Fall to DN Rise Setup or DN
Fall to UP Rise Setup
tMS1
80
ns
Before Entering NVM-Write
Mode, UP Fall to UP Rise
tMS2
80
ns
UP Rise to DN Rise Setup when
Entering NVM-Write
tWS
80
ns
UP Fall to DN Fall Hold or DN Fall
to UP Fall Hold during NVM-
Write
tWH
0ns


Similar Part No. - MAX5128ELA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5128ELA++ MAXIM-MAX5128ELA+ Datasheet
308Kb / 14P
   128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm 關DFN Package
Rev 2; 6/07
More results

Similar Description - MAX5128ELA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5128 MAXIM-MAX5128_07 Datasheet
308Kb / 14P
   128-Tap, Nonvolatile, Linear-Taper Digital Potentiometer in 2mm x 2mm 關DFN Package
Rev 2; 6/07
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5471 MAXIM-MAX5471_06 Datasheet
297Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers in SOT23
19-3067; Rev 1; 2/06
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5487 MAXIM-MAX5487 Datasheet
420Kb / 14P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 1; 1/05
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
logo
LUMEX INC.
SSL-LX20465GD LUMEX-SSL-LX20465GD Datasheet
46Kb / 1P
   T-2mm Taper Body LED
SSL-LX20465SRD LUMEX-SSL-LX20465SRD Datasheet
47Kb / 1P
   T-2mm TAPER BODY LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com