Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3573CGM Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3573CGM
Description  HI-IF Single-Chip Broadband Tuners
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3573CGM Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3573CGM Datasheet HTML 2Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 3Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 4Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 5Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 6Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 7Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 8Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 9Page - Maxim Integrated Products MAX3573CGM Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HI-IF Single-Chip Broadband Tuners
6
_______________________________________________________________________________________
Typical Operating Characteristics
(MAX357_ EV kit, VCC = +5.0V, RBIAS = 5.9k
Ω, fRF = 860MHz, fIF = 44MHz (MAX3570/MAX3571), 36MHz (MAX3573), TA = +25°C,
unless otherwise noted.)
300
320
340
360
380
400
25
40
45
30
35
50
55
60
65
70
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
12dB ATTENTUATION
MAXIMUM GAIN
-20
0
-10
20
10
40
30
50
01.0
1.5
0.5
2.0
2.5
3.0
VOLTAGE GAIN
vs. RFVGA VOLTAGE
RFVGA VOLTAGE (V)
36
39
38
37
40
VOLTAGE GAIN
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
4.75
4.85
4.95
5.05
5.15
5.25
850MHz
50MHz
450MHz
VOLTAGE GAIN
vs. FREQUENCY (MAX GAIN)
FREQUENCY (MHz)
650
450
250
37
36
35
38
39
40
41
34
50
850
TA = +25
°C
TA = +70
°C
TA = +55
°C
VOLTAGE GAIN
vs. FREQUENCY (MAX -12dB)
FREQUENCY (MHz)
650
450
250
23
24
25
26
27
28
29
22
50
850
TA = +25
°C
TA = +70
°C
TA = +55
°C
7.0
8.0
7.5
9.0
8.5
9.5
10.0
50
450
250
650
850
NOISE FIGURE vs. FREQUENCY
FREQUENCY (MHz)
TA = +70
°C
TA = +25
°C
TA = +55
°C
NOISE FIGURE vs. VOLTAGE GAIN
VOLTAGE GAIN (dB)
37
35
33
31
10
12
14
16
18
20
8
29
39
TA = +70
°C
TA = +55
°C
TA = +25
°C
-150
-120
-130
-140
-110
-100
-90
-80
-70
-60
-50
100
10k
1k
100k
1M
10M
PHASE NOISE vs. OFFSET FREQUENCY
FREQUENCY (Hz)
-40
-30
-10
-20
0
10
IFOUT1 FREQUENCY RESPONSE
IF FREQUENCY (MHz)
050
100
150
MAX3570/MAX3571
MAX3573


Similar Part No. - MAX3573CGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX350 MAXIM-MAX350 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
MAX3503 MAXIM-MAX3503 Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3503EGP MAXIM-MAX3503EGP Datasheet
398Kb / 13P
   Upstream CATV Amplifier
Rev 1; 3/02
MAX3505 MAXIM-MAX3505 Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
MAX3505EGP MAXIM-MAX3505EGP Datasheet
374Kb / 12P
   Upstream CATV Amplifier
Rev 0; 4/02
More results

Similar Description - MAX3573CGM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2160 MAXIM-MAX2160_09 Datasheet
706Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 5; 10/09
MAX2160 MAXIM-MAX2160 Datasheet
343Kb / 25P
   ISDB-T Single-Segment Low-IF Tuners
Rev 3; 12/05
logo
Microtune,Inc
MT2011 MICROTUNE-MT2011 Datasheet
79Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
MT2068 MICROTUNE-MT2068 Datasheet
106Kb / 2P
   SINGLE-CHIP BROADBAND TUNER
logo
Zarlink Semiconductor I...
SL2009 ZARLINK-SL2009 Datasheet
229Kb / 12P
   Dual stage IF amplifier for cable tuners
logo
NXP Semiconductors
TEF6621 NXP-TEF6621 Datasheet
166Kb / 2P
   NXP low-IF analog car radio tuners TEF662x
December 2010
logo
Future Technology Devic...
FT313HQ-T FTDI-FT313HQ-T Datasheet
1Mb / 67P
   Single chip USB2.0 Hi-Speed compatible
logo
Rohm
BH7802K ROHM-BH7802K Datasheet
183Kb / 14P
   Single chip Hi-Fi audio signal processor
logo
RF Monolithics, Inc
SF2072C RFM-SF2072C Datasheet
1Mb / 7P
   Designed for Broadband Receiver IF Applications
logo
Rohm
BH7800K ROHM-BH7800K Datasheet
174Kb / 13P
   Single chip Hi-Fi audio signal processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com