Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9723EBE-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9723EBE-T
Description  Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723EBE-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9723EBE-T Datasheet HTML 1Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 2Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 3Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX9723 stereo DirectDrive™ headphone amplifier
with BassMax and volume control is ideal for portable
audio applications where space is at a premium and per-
formance is essential. The MAX9723 operates from a sin-
gle 1.8V to 3.6V power supply and includes features that
reduce external component count, system cost, board
space, and improves audio reproduction.
The headphone amplifier uses Maxim’s patented
DirectDrive architecture that produces a ground-refer-
enced output from a single supply, eliminating the need
for large DC-blocking capacitors. The headphone ampli-
fiers deliver 62mW into a 16
Ω load, feature low 0.006%
THD+N, and high 90dB PSRR. The MAX9723 features
Maxim’s industry-leading click-and-pop suppression.
The BassMax feature boosts the bass response of the
amplifier, improving audio reproduction when using
inexpensive headphones. The integrated volume con-
trol features 32 discrete volume levels, eliminating the
need for an external potentiometer. BassMax and the
volume control are enabled through the I2C*/SMBus™-
compatible interface. Shutdown is controlled through
either the hardware or software interfaces.
The MAX9723 consumes only 3.7mA of supply current
at 1.8V, provides short-circuit and thermal-overload
protection, and is fully specified over the extended
-40°C to +85°C temperature range. The MAX9723 is
available in a tiny (2mm x 2mm x 0.62mm) 16-bump
chip-scale package (UCSP™) or 16-pin thin QFN (4mm
x 4mm x 0.8mm) package.
Applications
Features
♦ 62mW, DirectDrive Headphone Amplifier
Eliminates Bulky DC-Blocking Capacitors
♦ 1.8V to 3.6V Single-Supply Operation
♦ Integrated 32-Level Volume Control
♦ High 90dB PSRR at 1kHz
♦ Low 0.006% THD+N
♦ Industry-Leading Click-and-Pop Suppression
♦ ±8kV HBM ESD-Protected Headphone Outputs
♦ Short-Circuit and Thermal-Overload Protection
♦ Low-Power Shutdown Mode (5µA)
♦ Software-Enabled Bass Boost (BassMax)
♦ I2C/SMBus-Compatible Interface
♦ Available in Space-Saving, Thermally Efficient
Packages:
16-Bump UCSP (2mm x 2mm x 0.62mm)
16-Pin Thin QFN (4mm x 4mm x 0.8mm)
Stereo DirectDrive Headphone Amplifier with
BassMax, Volume Control, and I2C
________________________________________________________________ Maxim Integrated Products
1
I2C INTERFACE
VOLUME
CONTROL
BassMax
BassMax
1.8V TO 3.6V SUPPLY
SCL
BBL
OUTL
BBR
OUTR
SDA
INL
INR
MAX9723
Σ
Σ
Block Diagram
Ordering Information
19-3509; Rev 1; 11/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART**
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX9723_EBE-T*
-40°C to +85°C
16 UCSP-16
B16-1
MAX9723_ETE+
-40°C to +85°C
16 TQFN
T1644-4
*Purchase of I2C components from Maxim Integrated Products,
Inc. or one of its sublicensed Associated Companies, conveys
a license under the Philips I2C Patent Rights to use these com-
ponents in an I2C system, provided that the system conforms
to the I2C Standard Specification as defined by Philips.
SMBus is a trademark of Intel Corp.
UCSP is a trademark of Maxim Integrated Products, Inc.
**Replace the ‘_’ with the one-letter code that denotes the
slave address and maximum programmable gain. See the
Selector Guide.
+Denotes lead-free package.
*Future product—contact factory for availability.
Pin Configurations appear at end of data sheet.
PDA Audio
Portable CD Players
Mini Disc Players
Automotive Multimedia
MP3-Enabled Cellular
Phones
MP3 Players
PART
SLAVE ADDRESS
MAXIMUM GAIN (dB)
MAX9723A
1001100
0
MAX9723B
1001101
0
MAX9723C
1001100
+6
MAX9723D
1001101
+6
Selector Guide


Similar Part No. - MAX9723EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX97236EWA MAXIM-MAX97236EWA Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX9723DEVCMOD2 MAXIM-MAX9723DEVCMOD2 Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
More results

Similar Description - MAX9723EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com