Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9723EBE-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9723EBE-T
Description  Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723EBE-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9723EBE-T Datasheet HTML 1Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 2Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 3Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX9723EBE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Stereo DirectDrive Headphone Amplifier with
BassMax, Volume Control, and I2C
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDD = SHDN = 3V, PGND = SGND = 0V, C1 = C2 = 1µF, BB_ = 0V, gain = 0dB, maximum volume, BassMax disabled. Load connect-
ed between OUT_ and SGND where specified. TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C, see
Timing Diagram.) (Notes 1, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Serial Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between a STOP
and a START Condition
tBUF
1.3
µs
START Condition Hold Time
tHD:STA
0.6
µs
Low Period of the SCL Clock
tLOW
1.3
µs
High Period of the SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU:STA
0.6
µs
Data Hold Time
tHD:DAT
0
0.9
µs
Data Setup Time
tSU:DAT
100
ns
Maximum Rise Time of SDA and
SCL Signals
tr
300
ns
Maximum Fall Time of SDA and
SCL Signals
tf
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
µs
Pulse Width of Suppressed Spike
tSP
100
ns
Maximum Capacitive Load for
Each Bus Line
CL_BUS
400
pF
Note 1: All specifications are 100% tested at TA = +25°C. Temperature limits are guaranteed by design.
Note 2: Inputs AC-coupled to SGND.
Note 3: Guaranteed by design.
Note 4: Headphone mode testing performed with a 32
Ω resistive load connected to GND. Mode transitions are controlled by
SHDN. The KCP level is calculated as: 20 x log [(level peak voltage during mode transition, no input signal)/(peak voltage
under normal operation at rated power)]. Units are expressed in dB.
Note 5: Output power MIN is specified at TA = +25°C.


Similar Part No. - MAX9723EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX97236EWA MAXIM-MAX97236EWA Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX9723DEVCMOD2 MAXIM-MAX9723DEVCMOD2 Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
More results

Similar Description - MAX9723EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com