Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9723ETE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9723ETE
Description  Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723ETE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9723ETE Datasheet HTML 7Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 8Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 9Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 10Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 11Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 12Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 13Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 14Page - Maxim Integrated Products MAX9723ETE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Click-and-Pop Suppression
The output-coupling capacitor is a major contributor of
audible clicks and pops in conventional single-supply
headphone amplifiers. The amplifier charges the cou-
pling capacitor to its output bias voltage at startup.
During shutdown the capacitor is discharged. This
charging and discharging results in a DC shift across
the capacitor, which appears as an audible transient at
the speaker. Since the MAX9723 headphone amplifier
does not require output-coupling capacitors, no audi-
ble transients occur.
Additionally, the MAX9723 features extensive click-and-
pop suppression that eliminates any audible transient
sources internal to the device. The Power-Up/Power-
Down Waveform in the Typical Operating Characteristics
shows that there are minimal transients at the output upon
startup or shutdown.
In most applications, the preamplifier driving the
MAX9723 has a DC bias of typically half the supply.
The input-coupling capacitor is charged to the pream-
plifier’s bias voltage through the MAX9723’s input
impedance (RIN) during startup. The resulting voltage
shift across the capacitor creates an audible click/pop.
To avoid clicks/pops caused by the input filter, delay
the rise of SHDN by at least 4 time constants, 4 x RIN x
CIN, relative to the start of the preamplifier.
BassMax (Bass Boost)
Typical headphones do not have a flat-frequency
response. The small physical size of the diaphragm
does not allow the headphone speaker to efficiently
reproduce low frequencies. This physical limitation
results in attenuated bass response. The MAX9723
includes a bass boost feature that compensates for the
headphone’s poor bass response by increasing the
amplifier gain at low frequencies.
The DirectDrive output of the MAX9723 has more head-
room than typical single-supply headphone amplifiers.
This additional headroom allows boosting the bass fre-
quencies without the output-signal clipping.
Program the BassMax gain and cutoff frequency with
external components connected between OUT_ and
BB_ (see the Functional Diagram/Typical Operating
Circuit). Use the I2C-compatible interface to program the
command register to enable/disable the BassMax circuit.
BB_ is connected to the noninverting input of the output
amplifier when BassMax is enabled. BB_ is pulled to
SGND when BassMax is disabled. The typical application
of the BassMax circuit involves feeding a lowpass version
of the output signal back to the amplifier. This is realized
using positive feedback from OUT_ to BB_. Figure 2
shows the connections needed to implement BassMax.
Maximum Gain Control
The MAX9723A and MAX9723B have selectable
maximum gains of -5dB or 0dB (see Table 5) while
the MAX9723C and MAX9723D have selectable maxi-
mum gains of +1dB or +6dB (see Table 6). Bit 5 in the
command register selects between the two maximum
gain settings.
Volume Control
The MAX9723 includes a 32-level volume control that
adjusts the gain of the output amplifiers according to
the code contained in the command register. Volume is
programmed through the command register bits [4:0].
Tables 7–10 show all of the available gain settings for
the MAX9723A–MAX9723D. The mute attenuation is
typically better than 100dB when driving a 32
Ω load.
Serial Interface
The MAX9723 features an I2C/SMBus-compatible,
2-wire serial interface consisting of a serial data line
(SDA) and a serial clock line (SCL). SDA and SCL facili-
tate communication between the MAX9723 and the
master at clock rates up to 400kHz. Figure 3 shows the
2-wire interface timing diagram. The MAX9723 is a
receive-only slave device relying on the master to gen-
erate the SCL signal. The MAX9723 cannot write to the
SDA bus except to acknowledge the receipt of data
Stereo DirectDrive Headphone Amplifier with
BassMax, Volume Control, and I2C
______________________________________________________________________________________
11
C3
R2
R1
R
R
OUT_
BB_
AUDIO
INPUT
MAX9723
BassMax
ENABLE
Figure 2. BassMax External Connections


Similar Part No. - MAX9723ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX97236 MAXIM-MAX97236 Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX97236EWA MAXIM-MAX97236EWA Datasheet
3Mb / 39P
   Audio Amplifier with Jack Detection 25-Bump, 2.4mm x 2.3mm, 0.4mm Pitch WLP
Rev 0; 3/11
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX9723DEVCMOD2 MAXIM-MAX9723DEVCMOD2 Datasheet
298Kb / 10P
   MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
More results

Similar Description - MAX9723ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9723 MAXIM-MAX9723_V01 Datasheet
1Mb / 26P
   Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
19-3509; Rev 5; 2/20
MAX9726 MAXIM-MAX9726 Datasheet
525Kb / 26P
   DirectDrive, Headphone Amplifier with BassMax, I2C, Volume and Gain Control
Rev 0; 9/06
MAX9729 MAXIM-MAX9729 Datasheet
479Kb / 28P
   Stereo Headphone Amplifier with BassMax, Volume Control, and Input Mux
Rev 0; 7/07
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6140A2 TI-TPA6140A2 Datasheet
785Kb / 27P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com