Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2801-22-08W1-08 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KC2801-22-08W1-08
Description  EMC CIRCULAR BACKSHEELS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KC2801-22-08W1-08 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KC2801-22-08W1-08 Datasheet HTML 1Page - KEC(Korea Electronics) KC2801-22-08W1-08 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT INFORMATION
KC 2800 SERIES EMC
CIRCULAR BACKSHELLS
Suitable for both highly sophisticated and
simpler solutions, the KC 2000 range is
available at prices that are viable for small
batch to high volume production runs. The
range is ideal for all defence and aerospace as
well as commercial and industrial applications.
KEC
Limited
is
an
EMC
interconnect
specialist that manufactures a wide selection of
backshells,
bulkhead/panel
glands, conduit
and conduit fittings and system harnesses.
KEC products are designed to suit all levels of
screening requirements for EMI/RFI, EMP,
TEMPEST and environmental protection and
are designed to help manufacturers comply
with UK and EC screening directives.
Light weight and compact and suitable for
all standard circular connectors
High levels of EMC performance
Overall
screening by reworkable band
clamp
Individual screening by interwoven braid
and slotted body
Sealing by heat shrink boot
Screen termination is by simple 'pliers' type
tool
The KC 2800 series is part of the KC 2000
range of high performance, EMC backshells for
standard circular connectors that consist of
eight individual but interrelated products. A
variety of techniques are used to provide
electromagnetic
compatibility,
including
TEMPEST
level
performance
for
both
individual
and
overall
screening
and
environmental protection.


Similar Part No. - KC2801-22-08W1-08

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
   Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
   Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
   Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
List of Unclassifed Man...
KC2-50 ETC-KC2-50 Datasheet
151Kb / 1P
   Frequency Multiplier
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
More results

Similar Description - KC2801-22-08W1-08

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
   EMC
logo
Glenair, Inc.
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
   Circular Threaded
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
logo
TE Connectivity Ltd
1-1773922-5 TEC-1-1773922-5 Datasheet
3Mb / 54P
   CIRCULAR BACKSHELLS
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Glenair, Inc.
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
   Circular Breakaway
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
   Circular Breakaway
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
   Circular Threaded
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com