Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68EM11KW1 Datasheet(PDF) 8 Page - Motorola, Inc

Part # M68EM11KW1
Description  High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
Download  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68EM11KW1 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button M68EM11KW1 Datasheet HTML 4Page - Motorola, Inc M68EM11KW1 Datasheet HTML 5Page - Motorola, Inc M68EM11KW1 Datasheet HTML 6Page - Motorola, Inc M68EM11KW1 Datasheet HTML 7Page - Motorola, Inc M68EM11KW1 Datasheet HTML 8Page - Motorola, Inc M68EM11KW1 Datasheet HTML 9Page - Motorola, Inc M68EM11KW1 Datasheet HTML 10Page - Motorola, Inc M68EM11KW1 Datasheet HTML 11Page - Motorola, Inc M68EM11KW1 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 238 page
background image
MOTOROLA
iv
MC68HC11KW1
TABLE OF CONTENTS
Paragraph
Number
Page
Number
TITLE
5.1.3
COP reset ........................................................................................................5-2
5.1.3.1
COPRST — Arm/reset COP timer circuitry register...................................5-3
5.1.4
Clock monitor reset ..........................................................................................5-3
5.1.5
OPTION — System configuration options register 1 .......................................5-4
5.1.6
CONFIG — Configuration control register .......................................................5-5
5.2
Effects of reset.......................................................................................................5-6
5.2.1
Central processing unit ....................................................................................5-7
5.2.2
Memory map....................................................................................................5-7
5.2.3
Parallel I/O .......................................................................................................5-7
5.2.4
Timer 1.............................................................................................................5-7
5.2.5
Timers 2 and 3.................................................................................................5-8
5.2.6
Real-time interrupt (RTI) ..................................................................................5-8
5.2.7
Pulse accumulator ...........................................................................................5-8
5.2.8
Computer operating properly (COP)................................................................5-8
5.2.9
Serial communications interface (SCI).............................................................5-8
5.2.10
Serial peripheral interface (SPI).......................................................................5-9
5.2.11
Analog-to-digital converter ...............................................................................5-9
5.2.12
System.............................................................................................................5-9
5.3
Reset and interrupt priority ....................................................................................5-9
5.3.1
HPRIO — Highest priority I-bit interrupt and misc. register .............................5-10
5.4
Interrupts ...............................................................................................................5-13
5.4.1
Interrupt recognition and register stacking.......................................................5-13
5.4.2
Nonmaskable interrupt request (XIRQ) ...........................................................5-14
5.4.3
Illegal opcode trap ...........................................................................................5-14
5.4.4
Software interrupt ............................................................................................5-14
5.4.5
Maskable interrupts .........................................................................................5-15
5.4.6
Reset and interrupt processing........................................................................5-15
5.5
Low power operation .............................................................................................5-15
5.5.1
WAIT ................................................................................................................5-15
5.5.2
STOP ...............................................................................................................5-16
6
PARALLEL INPUT/OUTPUT
6.1
Port A.....................................................................................................................6-2
6.1.1
PORTA — Port A data register ........................................................................6-2
6.1.2
DDRA — Data direction register for port A ......................................................6-2
6.2
Port B.....................................................................................................................6-3
6.2.1
PORTB — Port B data register ........................................................................6-3
6.2.2
DDRB — Data direction register for port B ......................................................6-3
6.3
Port C ....................................................................................................................6-4
6.3.1
PORTC — Port C data register........................................................................6-4
6.3.2
DDRC — Data direction register for port C......................................................6-4
6.4
Port D ....................................................................................................................6-5
6.4.1
PORTD — Port D data register........................................................................6-5
TPG
6


Similar Part No. - M68EM11KW1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
M68EM11KG4 NXP-M68EM11KG4 Datasheet
8Mb / 246P
   Low Power,high performance M68HC11 CPU core
More results

Similar Description - M68EM11KW1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HC05 MOTOROLA-HC05 Datasheet
1Mb / 232P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05T16 MOTOROLA-MC68HC05T16 Datasheet
711Kb / 128P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11KG4 MOTOROLA-MC68HC11KG4 Datasheet
7Mb / 246P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC05BD3 FREESCALE-MC68HC05BD3 Datasheet
8Mb / 112P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC05L28 FREESCALE-MC68HC05L28 Datasheet
706Kb / 124P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
NXP Semiconductors
MC68HC05P3 NXP-MC68HC05P3 Datasheet
9Mb / 114P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
Rev. 2
logo
Motorola, Inc
MC68HC05F8 MOTOROLA-MC68HC05F8 Datasheet
1Mb / 126P
   High-density complementary metal oxide semiconductor(HCMOS) microcontroller unit
MC68HC05L2 MOTOROLA-MC68HC05L2 Datasheet
7Mb / 110P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
logo
Freescale Semiconductor...
MC68HC11KW1 FREESCALE-MC68HC11KW1 Datasheet
3Mb / 238P
   High-density complementary metal oxide semiconductor (HCMOS) microcontroller unit
MC68HC11G5 FREESCALE-MC68HC11G5 Datasheet
987Kb / 195P
   High-density Complementary Metal Oxide Semiconductor (HCMOS) Microcontroller Unit
MC68HC05X16 FREESCALE-MC68HC05X16 Datasheet
5Mb / 232P
   High-density complementary metal oxide semiconductor HCMOS) microcontroller unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com