Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33397R2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC33397R2
Description  Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33397R2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33397R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33397R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33397
11
Figure 7. Output on Resistance versus Temperature
Figure 8. Drain to Source Clamp versus Temperature
Figure 9. Current Limit versus Temperature
Figure 10. IVPWR versus Temperature
Figure 11. IDD versus Temperature
Figure 12. IDD Sleep State versus Temperature
-50
125
100
75
50
25
0
-25
0
1
0.8
0.6
0.4
0.2
1.2
TA, AMBIENT TEMPERATURE (DEG C)
150
-50
125
100
75
50
25
0
-25
56.2
57.8
57.6
57.4
57.2
57
56.8
56.6
56.4
58
150
TA, AMBIENT TEMPERATURE (DEG C)
150
-50
125
100
75
50
25
0
-25
1.58
1.74
1.72
1.7
1.68
1.66
1.64
1.62
1.6
TA, AMBIENT TEMPERATURE (DEG C)
0.2
0.16
0.12
0.1
0.08
0.06
0.04
0.02
0.14
0.18
TA, AMBIENT TEMPERATURE (DEG C)
150
-50
125
100
75
50
25
0
-25
TA, AMBIENT TEMPERATURE (DEG C)
150
-50
125
100
75
50
25
0
-25
1.4
1.3
1.2
1.1
1
0.9
0.8
0
3
2.5
2
1.5
1
0.5
150
-50
125
100
75
50
25
0
-25
TA, AMBIENT TEMPERATURE (DEG C)
TYPICAL CHARACTERISTICS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33397R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397DW/R2 FREESCALE-MC33397DW/R2 Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
More results

Similar Description - MC33397R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Intersil Corporation
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
   Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com