Electronic Components Datasheet Search |
|
RVG3S08 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
RVG3S08 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 23 page 82E2.pdf 97.09.29 This is the PDF file of catalog No.R82E-2. 2. Specifications Cermet Carbon Triangular 3 (divider type) 1 Automatic Manual Reflow soldering Flow soldering Gold plating(nickel undercoating) Solder plating (nickel undercoating) 3 3 3 3 Solder plating (copper undercoating) 3 mm square 4 mm square 5 mm square 1.50mm 1.85mm 2.00mm 2.10mm 3.70mm 5.00mm 0.040g(40mg) 0.080g(80mg) 0.180g(180mg) Necessary 2 Not necessary Possible Not possible 250 pcs./reel 500 pcs./reel 1500 pcs./reel 2000 pcs./reel 2500 pcs./reel POZ3 Series RVG3 Series RVG4M Series POG5 Series Item Series Resistive element material Terminal layout No. of terminals Adjustment method Soldering Electrode surface treatment Size Product thickness Product weight Cleaning Lock painting Taping packaging (reel with a diameter of 180 mm) 1 They can be used as the rheostat type by connecting lands (2) and (3). (2 terminals (rheostat type) ) 2 Cleaning is needed only when there is an adhesion of foreign matter such as flux on the resistive element. 3 Only terminal (2) is gold-plated with a nickel undercoat. (1) (3) (2) (1) (2) |
Similar Part No. - RVG3S08 |
|
Similar Description - RVG3S08 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |