Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2802-26-10Z1-18 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KC2802-26-10Z1-18
Description  EMC CIRCULAR BACKSHEELS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KC2802-26-10Z1-18 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KC2802-26-10Z1-18 Datasheet HTML 1Page - KEC(Korea Electronics) KC2802-26-10Z1-18 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REUSABLE BAND CLAMP& BRAID
TYPICAL PART NUMBER
KC2801 - 32 - 25W1-25
MATERIAL (TABLE 1)
CONNECTOR SERIES (TABLE 2)
SHELL SIZE (TABLE 3)
FINISH (TABLE 4)
CABLE ENTRY (TABLE 5)
WORKING LENGTH (NOTE 1)
TABLE1
MATERIAL CODE
01
ALUMINIUM
02
STAINLESS STEEL
03
ALI BRONZE
TABLE2
SERIES
CODE
CONNECTOR TYPE
(TYPICAL)
SHELL
SIZE
22/42/82
MIL-C-26482 SERIES1
PAT 105, 608& 603
08 - 24
26/46/86
MIL-C-38999 SERIES1&2
PAT 614 & 616 PAN 6433-1
08 - 24
28/48/88
MIL-C-83723 SERIES1&3
MIL-C-26482 SERIES2
PAT 602& PAN 6432-1 & -4
08 - 24
32/52/92
MIL-C-38999 SERIES3&4
METRIC THREAD (EN3645)
09 - 25
38/58/98
PAN 6433-2
LN29729
08 - 24
TABLE5
ENTRY
CODE
MAX CABLE
ACCOMMODATION
08/09
7.5
10/11
9.3
12/13
12.7
14/15
14.4
16/17
17.8
18/19
19.6
20/21
24.1
22/23
27.0
24/25
29.2
TABLE3
SHELL
SIZE
08/09
10/11
12/13
14/15
16/17
18/19
20/21
22/23
24/24
90 BACKSHELL (45 ALSO AVAILABLE)
STRAIGHT BACKSHELL
TABLE4
CODE
DESCRIPTION
J
ELECTROLESS NICKEL
W
CADMIUM + OLIVE DRAB
Z
ZINC COBALT + OLIVE DRAB
NOTES:
1.
WORKING LENGTH IN 0.5" INCREMENTS. FOR EXAMPLE WORKING LENGTH 4 = 2". KC2800 MINIMUM WORKING LENGTH IS
1. (STRAIGHT BACKSHELLS ONLY - OMIT ON ANGLED VERSIONS)
2.
USE 22/26/28/32/38 FOR STRAIGHT BACKSHELLS, 42/46/48/52/58 FOR 45 BACKSHELLS & 82/86/88/92/98 FOR 90
BACKSHELLS.
3.
THE ABOVE INFORMATION IS TYPICAL AND MANY OTHER OPTIONS & VARIATIONS ARE AVAILABLE, PLEASE CONSULT
FACTORY.
KEC LIMITED
Orpheus House, Calleva Park, Aldermaston, Reading, Berkshire RG7 8TA England
Tel: +44 (0)118 981 1571 Fax: +44 (0)118 981 1570 email: sales@kec.co.uk www.kec.co.uk


Similar Part No. - KC2802-26-10Z1-18

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KC2-11 MINI-KC2-11 Datasheet
196Kb / 1P
   Surface Mount Frequency Multiplier Output 1.0 to 2.2 GHz
KC2-19 MINI-KC2-19 Datasheet
146Kb / 1P
   Surface Mount Frequency Multiplier Output 2.2 to 3.8 GHz
KC2-36 MINI-KC2-36 Datasheet
153Kb / 1P
   Surface Mount Frequency Multiplier Output 3.4 to 7.2 GHz
logo
List of Unclassifed Man...
KC2-50 ETC-KC2-50 Datasheet
151Kb / 1P
   Frequency Multiplier
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
More results

Similar Description - KC2802-26-10Z1-18

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
   EMC
logo
Glenair, Inc.
892-002 GLENAIR-892-002 Datasheet
605Kb / 2P
   Circular Breakaway
893-011 GLENAIR-893-011 Datasheet
1Mb / 3P
   Circular Threaded
892-001 GLENAIR-892-001 Datasheet
649Kb / 2P
   Circular Threaded
logo
TE Connectivity Ltd
1-1773922-5 TEC-1-1773922-5 Datasheet
3Mb / 54P
   CIRCULAR BACKSHELLS
logo
ITT Industries
CA3106B18-8PX ITT-CA3106B18-8PX Datasheet
1Mb / 5P
   Circular Connectors
logo
Glenair, Inc.
892-004 GLENAIR-892-004 Datasheet
544Kb / 2P
   Circular Breakaway
893-008 GLENAIR-893-008 Datasheet
520Kb / 2P
   Circular Breakaway
893-009 GLENAIR-893-009 Datasheet
613Kb / 2P
   Circular Threaded
892-003 GLENAIR-892-003 Datasheet
676Kb / 2P
   Circular Threaded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com