Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL08-Q Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # PL08-Q
Description  GENERAL PURPOSE RELAY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08-Q Datasheet(HTML) 7 Page - Omron Electronics LLC

  PL08-Q Datasheet HTML 1Page - Omron Electronics LLC PL08-Q Datasheet HTML 2Page - Omron Electronics LLC PL08-Q Datasheet HTML 3Page - Omron Electronics LLC PL08-Q Datasheet HTML 4Page - Omron Electronics LLC PL08-Q Datasheet HTML 5Page - Omron Electronics LLC PL08-Q Datasheet HTML 6Page - Omron Electronics LLC PL08-Q Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
MK
MK
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6 to 250 VAC
10 A, 250 VAC, Resistive
6 to 110 VDC
10 A, 28 VDC, Resistive
7 A, 250 VAC, Inductive
MK3P5-I, -S
3PDT
6 to 250 VAC
10 A, 120 VAC, Resistive
6 to 110 VDC
10 A, 28 VDC, Resistive
10 A, 250 VAC, Resistive
7 A, 250 VAC, Inductive
APPROVALS
UL (File No. E41515)/CSA (File Nos. LR41408 and LR335535)
Note:
1. The rated values approved by each of the safety standards (e.g., UL and CSA) may be different from the performance
characteristics individually defined in this catalog.
2. VDE, Nemko and Semko versions are available. Please consult your OMRON representative for further information.
3. In the interest of product improvement, specifications are subject to change.
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6 to 110 VDC
10 A, 250 VAC (NO) (cos
ø = 1)
5 A, 250 VAC (NC) (cos
ø = 1)
10 A, 280 VDC (NO)
MK3P5-I, -S
3PDT
6 to 240 VAC
5 A, 280 VDC (NC)
7 A, 250 VAC (cos
ø = 0.4)
SEV, DEMKO
Type
Contact form
Coil ratings
Contact ratings
MK2P-I, -S
DPDT
6, 12, 24, 48,
10 A, 250 VAC (NO) (cos
ø = 1)
100, 110 VDC
5 A, 250 VAC (NC) (cos
ø = 1)
10 A, 280 VDC (NO)
MK3P5-I, -S
3PDT
6, 12, 24, 50,
5 A, 280 VDC (NC)
110, 115, 120,
7 A, 250 VAC (cos
ø = 0.4)
200, 220, 230,
240 VAC
TUV (File No. R9051410)
OMRON ELECTRONICS, INC.
OMRON CANADA, INC.
One East Commerce Drive
885 Milner Avenue
Schaumburg, IL 60173
Scarborough, Ontario M1B 5V8
1-800-55-OMRON
416-286-6465
Cat. No. GC RLY7
01/00
Specifications subject to change without notice.
Printed in the U.S.A.


Similar Part No. - PL08-Q

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL08-Q OMRON-PL08-Q Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
More results

Similar Description - PL08-Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com