Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1151 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1151
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1151 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT1151
850kHz 700mA Synchronous Buck DC/DC Converter
10
1151.2005.11.1.4
Input Capacitor
The primary function of the input capacitor is to pro-
vide a low impedance loop for the edges of pulsed
current drawn by the AAT1151. A low ESR/ESL
ceramic capacitor is ideal for this function. To mini-
mize stray inductance, the capacitor should be
placed as close as possible to the IC. This keeps the
high frequency content of the input current localized,
minimizing radiated and conducted EMI while facili-
tating optimum performance of the AAT1151.
Ceramic X5R or X7R capacitors are ideal for this
function. The size required will vary depending on the
load, output voltage, and input voltage source imped-
ance characteristics. A typical value is around 10µF.
The input capacitor RMS current varies with the input
voltage and the output voltage. The equation for the
RMS current in the input capacitor is:
The input capacitor RMS ripple current reaches a
maximum when V
IN is two times the output voltage
where it is approximately one half of the load cur-
rent. Losses associated with the input ceramic
capacitor are typically minimal and are not an issue.
Proper placement of the input capacitor can be seen
in the reference design layout in Figures 2 and 4.
Output Capacitor
Since there are no external compensation compo-
nents, the output capacitor has a strong effect on
loop stability. Lager output capacitance will reduce
the crossover frequency with greater phase mar-
gin. For the 1.5V 1A design using the 4.1µH induc-
tor, two 22µF capacitors provide a stable output. In
addition to assisting stability, the output capacitor
limits the output ripple and provides holdup during
large load transitions. The output capacitor RMS
ripple current is given by:
For a ceramic capacitor, the ESR is so low that dis-
sipation due to the RMS current of the capacitor is
not a concern. Tantalum capacitors with sufficiently
low ESR to meet output voltage ripple require-
ments also have an RMS current rating well
beyond that actually seen in this application.
Layout
Figures 2 through 5 display the suggested PCB
layout for the AAT1151. The following guidelines
should be used to help ensure a proper layout.
The input capacitor (C1) should connect as
closely as possible to V
POWER (Pin 5) and
P
GND (Pin 8).
C2 and L1 should be connected as closely as
possible. The connection L1 to the LX node
should be as short as possible.
The feedback trace (Pin 1) should be sepa-
rate from any power trace and connect as
closely as possible to the load point. Sensing
along a high-current load trace will degrade
DC load regulation.
The resistance of the trace from the load
return to the PGND (Pin 8) should be kept to
a minimum. This will help to minimize any
error in DC regulation due to differences in
the potential of the internal signal ground
and the power ground.
Low pass filter R1 and C3 provide a cleaner
bias source for the AAT1151 active circuitry.
C3 should be placed as closely as possible
to SGND (Pin 2) and V
CC (Pin 4). See
Figures 2 and 7.
1
23
V
OUT · (VIN - VOUT)
RMS
IN
I
LF V
··
·
⎛⎞
I
RMS = IO ·
· 1 -
⎝⎠
V
O
V
IN
V
O
V
IN


Similar Part No. - AAT1151

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1151IKS-1.0-T1 ANALOGICTECH-AAT1151IKS-1.0-T1 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151IKS-1.8-T1 ANALOGICTECH-AAT1151IKS-1.8-T1 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151IKS-1.8-T1 SKYWORKS-AAT1151IKS-1.8-T1 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com