Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1151IKS-1.0-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT1151IKS-1.0-T1
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151IKS-1.0-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT1151IKS-1.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1151IKS-1.0-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT1151
850kHz 700mA Synchronous Buck DC/DC Converter
8
1151.2005.11.1.4
Functional Block Diagram
VP = 2.7V- 5.5V
VCC
EN
SGND
PGND
LOGIC
1.0V REF
Temp.
Sensing
OSC
OP. AMP
LX
FB
DH
DL
CMP
1M
Operation
Control Loop
The AAT1151 is a peak current mode buck con-
verter. The inner, wide bandwidth loop controls the
peak current of the output inductor. The output
inductor current is sensed through the P-channel
MOSFET (high side) and is also used for short-cir-
cuit and overload protection. A fixed slope com-
pensation signal is added to the sensed current to
maintain stability. The loop appears as a voltage
programmed current source in parallel with the out-
put capacitor.
The voltage error amplifier output programs the cur-
rent loop for the necessary inductor current to force
a constant output voltage for all load and line condi-
tions. The voltage feedback resistive divider is inter-
nal, dividing the output voltage to the error amplifier
reference voltage of 1.0V. The voltage error amplifi-
er does not have the large DC gain typical of most
error amplifiers. This eliminates the need for exter-
nal compensation components, while still providing
sufficient DC loop gain for load regulation. The volt-
age loop crossover frequency and phase margin are
set by the output capacitor value only.
PFM/PWM Operation
Light load efficiency is maintained by way of Pulse
Frequency Modulation (PFM) control. The AAT1151
PFM control forces the peak inductor current to a
minimum level regardless of load demand. At medi-
um to high load demand, this has no effect on circuit
operation and normal PWM controls take over. PFM
reduces the switching frequency at light loads, thus
reducing the associated switching losses.
Soft Start/Enable
Soft start increases the inductor current limit point in
discrete steps when the input voltage or enable
input is applied. It limits the current surge seen at
the input and eliminates output voltage overshoot.
When pulled low, the enable input forces the
AAT1151 into a low-power, non-switching state. The
total input current during shutdown is less than 1µA.
Power and Signal Source
Separate small signal ground and power supply pins
isolate the internal control circuitry from the noise
associated with the output MOSFET switching. The
low pass filter R1 and C2 in schematic Figure 1 fil-
ters the noise associated with the power switching.


Similar Part No. - AAT1151IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151IKS-1.0-T1 ANALOGICTECH-AAT1151IKS-1.0-T1 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com