Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1155IKS-1.0-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT1155IKS-1.0-T1
Description  1MHz 2.5A Step-Down DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1155IKS-1.0-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT1155IKS-1.0-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1155IKS-1.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Typical Characteristics
Tantalum Transient Response
(IOUT = 0 to 3.0A; VOUT = 3.3V; VIN = 5.0V)
2.60
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
0
100
200
300
400
500
Time (
µµs)
-1
0
1
2
3
4
5
6
7
120
µF 6.3V Tantalum
Vishay P/N 594D127X96R3C2T
Output Ripple
(IOUT = 3.0A; VOUT = 3.3V; VIN = 5.0V)
Time (
µµs)
-12
-10
-8
-6
-4
-2
0
2
4
01
4
5
-1
0
1
2
3
4
5
6
7
300
µF 6.3VCeramic
TDK P/N C3325X5R0J107M
Vishay GRM43SR60J107ME20L
23
Loop Crossover Gain and Phase
-16
-12
-8
-4
0
4
8
12
16
10000
100000
1000000
Frequency (Hz)
-180
-135
-90
-45
0
45
90
135
180
120
µF 6.3V Tantalum
Vishay P/N 594D127X96R3C2T
Gain
Output Ripple
(IOUT = 3.0A; VOUT = 3.3V; VIN = 5.0V)
-12
-10
-8
-6
-4
-2
0
2
4
0
1
23
45
Time (
µµs)
-1
0
1
2
3
4
5
6
7
200
µF 6.3V Ceramic
TDK P/N C3325X5R0J107M
Vishay GRM43SR60J107ME20L
Loop Crossover Gain and Phase
-16
-12
-8
-4
0
4
8
12
16
10000
100000
Frequency (Hz)
-180
-135
-90
-45
0
45
90
135
180
100
µF 6.3 Ceramic
TDK P/N C3225X5R0J107M
Vishay GRM43SR60J107ME20L
Phase
200
µF gain
300
µF gain
L = 1.5
µHy
Tantalum Output Ripple
(IOUT = 3.0A; VOUT = 3.3V; VIN = 5.0V)
-0.12
-0.10
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
01
23
4
5
Time (
µµs)
-1
0
1
2
3
4
5
6
7
120
µF 6.3V Tantalum
Vishay P/N 594D127X96R3C2T
AAT1155
1MHz 2.5A Step-Down DC/DC Converter
1155.2005.11.1.6
7


Similar Part No. - AAT1155IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1155IKS-1.0-T1 ANALOGICTECH-AAT1155IKS-1.0-T1 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
More results

Similar Description - AAT1155IKS-1.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN28 SIGE-AATIAN28 Datasheet
130Kb / 6P
   1MHz 2.5A Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com