Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1151IVN-2.5-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT1151IVN-2.5-T1
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151IVN-2.5-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT1151IVN-2.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1151IVN-2.5-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT1151
850kHz 700mA Synchronous Buck DC/DC Converter
1151.2005.11.1.4
11
Figure 2: MSOP Evaluation
Figure 3: MSOP Evaluation
Board Top Layer.
Board Bottom Layer.
Figure 4: QFN Evaluation Board
Figure 5: QFN Evaluation Board
Top Side.
Bottom Side.
Figure 6: R3 vs. V
OUT for Adjustable Output
Figure 7: Adjustable Output Schematic.
Using the AAT1151-1.0V.
L1
3.3
µH
C2, C4
2x 22
µF
C1
10
µF
R1 100
C3
0.1
µF
C1 Murata 10
µF 6.3V X5R GRM42-6X5R106K6.3
L1 Sumida CDRH3D16-3R3 NC
R2
100k
C2, C4 MuRata 22
µF 6.3V GRM21BR60J226ME39L X5R 0805
Vo+ 1.25V 0.7A
2.7V-5.5V
V-
FB
1
gnd
2
EN
3
Vcc
4
Vp
5
LX
6
LX
7
Pgnd
8
AAT1151-1.0
R3
2.55k 1%
R4
10k
Ω 1%
0
5
10
15
20
25
30
35
40
45
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
Output Voltage (V)
R4=10k


Similar Part No. - AAT1151IVN-2.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151IVN-2.5-T1 ANALOGICTECH-AAT1151IVN-2.5-T1 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151IVN-2.5-T1 SKYWORKS-AAT1151IVN-2.5-T1 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151IVN-2.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151_07 Datasheet
559Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com