Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2801 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2801
Description  Multi-Mode Charge Pump for White LED Backlight and Flash Applications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2801 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2801 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2801 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical Characteristics1
CIN = CCP = CF = C1 = C2 = C3 = 1.0µF; TA = -40°C to 85°C, unless otherwise noted.
Symbol
Description
Conditions
Min Typ Max Units
Input Power Supply
VIN
Operation Range
2.7
5.5
V
3.0
≤ VIN ≤ 5.5, No Load Current; VOUT_FLSH
-
3.0
4.5
= 5V, EN/SET = GND, EN_FLSH = VIN
ICC
Operating Current
3.0
≤ VIN ≤ 5.5, EN/SET = VIN, EN_FLSH =
0.55
mA
GND, VD1:VD4 = 2.0V, CP = 1X
3.0
≤ VIN ≤ 5.5, No Load Current; EN/SET =
-
3.0
5.0
VIN, EN_FLSH = GND, CP = 1.5X
ISHDN
Shutdown Current
EN_FLSH = EN/SET = 0
-
1.0
µA
IDX
Output Current Accuracy2
VIN = 3.5, Code = 32, TA = 25°C
-10
10
%
I(D-Match)
Current Matching3
VD1:D4 = 3.6, VIN = 3.5V; LED Charge
-3.0 ±0.5
3.0
%
Pump Only
VOUT
Flash Charge Pump Output
3.0V < VIN < 5V, IOUT = 120mA;
4.3
4.5
4.7
V
Voltage
EN_FLSH = VIN
IOUT
Maximum Continuous IOUT
VIN = 3.6V; VOUT = 4.5V; EN_FLSH = VIN
120
-
mA
Maximum Pulsed IOUT
VIN = 3.6V; VOUT = 4.5V; IPulsed < 500mS
250
-
ηCP
White LED Charge Pump
VIN = 3.5V, IOUT(TOTAL) = 120mA,
93
%
Section Efficiency
Measured from IN to CP
Charge Pump Section
TSS
Soft-Start Time
Backlight Charge Pump
50
µs
Flash Charge Pump
200
FCLK
Clock Frequency
1.0
MHz
EN/SET
VEN(L)
Enable Threshold Low
-
0.4
V
VEN(H)
Enable Threshold High
1.4
-
V
TEN/SET LO
EN/SET Low Time
VEN/SET < 0.6V
0.3
75
µs
TEN/SET HI MIN
Minimum EN/SET High Time VEN/SET > 1.4V
50
µs
TEN/SET HI MAX Maximum EN/SET High Time VEN/SET > 1.4V
-
75
µs
TOFF
EN/SET Off Timeout
VEN/SET < 0.6V
-
500
µs
TLAT
EN/SET Latch Timeout
VEN/SET > 1.4V
-
500
µs
IEN/SET/EN_FLSH Input Leakage
VEN/SET/EN_FLSH = 5V, VIN = 5V
-1.0
1.0
µA
AAT2801
Multi-Mode Charge Pump for
White LED Backlight and Flash Applications
4
2801.2006.04.1.3
1. The AAT2801 is guaranteed to meet performance specifications over the -40°C to 85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. Codes 2 through 7 are guaranteed to be within ±15% of stated current level.
3. Current matching is defined as I(D-Match) = (ID - IAVE)/IAVE.


Similar Part No. - AAT2801

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2803 ANALOGICTECH-AAT2803 Datasheet
581Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Advanced Analog Technol...
AAT2803 AAT-AAT2803 Datasheet
689Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Skyworks Solutions Inc.
AAT2803 SKYWORKS-AAT2803 Datasheet
836Kb / 15P
   Six-Channel White LED Backlight Charge Pump with Flash
June 14, 2012
logo
Advanced Analogic Techn...
AAT2803ISK-4.5-T1 ANALOGICTECH-AAT2803ISK-4.5-T1 Datasheet
581Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Advanced Analog Technol...
AAT2803ISK-4.5-T1 AAT-AAT2803ISK-4.5-T1 Datasheet
689Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
More results

Similar Description - AAT2801

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
AATIAN47 SIGE-AATIAN47 Datasheet
94Kb / 4P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Advanced Analog Technol...
AAT2803 AAT-AAT2803 Datasheet
689Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
logo
Advanced Analogic Techn...
AAT2803 ANALOGICTECH-AAT2803 Datasheet
581Kb / 16P
   Six-Channel White LED Backlight Charge Pump with Flash
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2806 ANALOGICTECH-AAT2806 Datasheet
478Kb / 16P
   Dual High Efficiency Charge Pump for White LED AND Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com