Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2500IWP-IW-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT2500IWP-IW-T1
Description  1MHz Step-Down Converter/LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500IWP-IW-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT2500IWP-IW-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500IWP-IW-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Step-Down Converter Output Ripple
(VIN = 3.6V; VOUT = 1.8V; 400mA;
EN = VIN; ENLDO = GND)
Time (250ns/div)
-120
-100
-80
-60
-40
-20
0
20
40
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
11


Similar Part No. - AAT2500IWP-IW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2500B ANALOGICTECH-AAT2500B Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
AAT2500BIZL-BAA-T1 ANALOGICTECH-AAT2500BIZL-BAA-T1 Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
AAT2500M ANALOGICTECH-AAT2500M Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
AAT2500MITP-AW-T1 ANALOGICTECH-AAT2500MITP-AW-T1 Datasheet
721Kb / 22P
   400mA Step-Down Converter and 300mA LDO
More results

Similar Description - AAT2500IWP-IW-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2506 ANALOGICTECH-AAT2506 Datasheet
558Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
AAT2506 ANALOGICTECH-AAT2506_06 Datasheet
682Kb / 26P
   1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
   1MHz Step-Down Converter/LDO Regulator
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
   1MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
   1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
   1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
   1MHz 400mA Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
   1MHz 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
   1MHz 400mA Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com