Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3125 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3125
Description  USB OTG 5V Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3125 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3125 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3125 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AAT3125
USB OTG 5V Charge Pump
6
3125.2005.12.1.4
Typical Characteristics
Unless otherwise noted, V
IN = 3.5V, CIN = COUT = C1 = C2 = 1µF, TA = 25°C.
Charge Pump Output Voltage vs. Input Voltage
(ILOAD = 100mA)
0
1
2
3
4
5
6
012345
Input Voltage (V)
Charge Pump Output Voltage
vs. Load Current
4.5
4.7
4.9
5.1
5.3
5.5
1
10
100
1000
Load Current (mA)
VIN = 3.9V
VIN = 3.7V
Load Transient Response
(10mA to 100mA)
Time (4ms/div)
Charge Pump Waveforms
(100mA load)
Time (1
µs/div)
IN
OUT
Efficiency vs. Load Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
Load Current (mA)
VIN = 3.8V
VIN = 3.4V
Charge Pump ON/OFF Timing
Time (2ms/div)
OUT
(1V/div)
IIN
(100mA/div)
EN
(1V/div)


Similar Part No. - AAT3125

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3120 ANALOGICTECH-AAT3120 Datasheet
257Kb / 14P
   3-Channel Charge Pump For White LED Applications
AAT3120ITP-T1 ANALOGICTECH-AAT3120ITP-T1 Datasheet
257Kb / 14P
   3-Channel Charge Pump For White LED Applications
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3125

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
Maxim Integrated Produc...
MAX5008 MAXIM-MAX5008 Datasheet
225Kb / 7P
   Regulated 5V USB Charge Pump with Programmable Current Limit
Rev 0; 4/02
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60150 TI-TPS60150 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com