Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX100GSX Datasheet(PDF) 4 Page - Motorola, Inc

Part # MPX100GSX
Description  100kPa Uncompensated Silicon Pressure Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPX100GSX Datasheet(HTML) 4 Page - Motorola, Inc

  MPX100GSX Datasheet HTML 1Page - Motorola, Inc MPX100GSX Datasheet HTML 2Page - Motorola, Inc MPX100GSX Datasheet HTML 3Page - Motorola, Inc MPX100GSX Datasheet HTML 4Page - Motorola, Inc MPX100GSX Datasheet HTML 5Page - Motorola, Inc MPX100GSX Datasheet HTML 6Page - Motorola, Inc MPX100GSX Datasheet HTML 7Page - Motorola, Inc MPX100GSX Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MPX100 SERIES
4
Motorola Sensor Device Data
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Motorola designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing silicone gel which
isolates the die from the environment. The differential or
gauge sensor is designed to operate with positive differential
pressure applied, P1 > P2. The absolute sensor is designed
for vacuum applied to P1 side.
The Pressure (P1) side may be identified by using the
table below:
Part Number
Case Type
Pressure (P1) Side Identifier
MPX100A, MPX100D
344–15C
Stainless Steel Cap
MPX100DP
344C–01
Side with Part Marking
MPX100AP, MPX100GP
344B–01
Side with Port Attached
MPX100AS
344E–01
Side with Port Attached
MPX100ASX
344F–01
Side with Port Attached
ORDERING INFORMATION
MPX100 series pressure sensors are available in absolute, differential and gauge configurations. Devices are available in the
basic element package or with pressure port fittings which provide printed circuit board mounting ease and barbed hose pres-
sure connections.
Device Type
Options
Case Type
MPX Series
Device Marking
Basic Element
Absolute, Differential
Case 344–15
MPX100A
MPX100D
MPX100A
MPX100D
Ported Elements
Differential
Case 344C–01
MPX100DP
MPX100DP
Absolute, Gauge
Case 344B–01
MPX100AP
MPX100GP
MPX100AP
MPX100GP
Absolute, Gauge Stove Pipe
Case 344E–01
MPX100AS
MPX100GS
MPX100A
MPX100D
Absolute, Gauge Axial
Case 344F–01
MPX100ASX
MPX100GSX
MPX100A
MPX100D


Similar Part No. - MPX100GSX

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Freescale Semiconductor...
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
129Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
logo
Motorola, Inc
MPX10D MOTOROLA-MPX10D Datasheet
157Kb / 8P
   0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
More results

Similar Description - MPX100GSX

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53_08 Datasheet
117Kb / 8P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
   10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
   10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
   10 kPa Uncompensated Silicon Pressure Sensors
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
   50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
   50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
   10 kPa Uncompensated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com