Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3142 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3142
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3142 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3142 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3142 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Typical Characteristics
V
IN = 3.5V, CIN = CCP = C1 = C2 = 1µF, TA = 25°C, unless otherwise noted.
V
IH and
V
IL vs. VIN
Input Voltage (V)
0.600
0.625
0.650
0.675
0.700
0.725
0.750
0.775
0.800
0.825
0.850
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIH
VIL
Input Voltage (V)
Diode Current vs. Input Voltage
(30mA, 15mA Settings)
10
15
20
25
30
35
40
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDIODE = 3.4V
VDIODE = 3.4V
Input Voltage (V)
Input Current vs. Input Voltage
(3x30mA)
0
20
40
60
80
100
120
140
160
180
200
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDIODE = 3.0V
VDIODE = 3.4V
Input Voltage (V)
Input Current vs. Input Voltage
(3x10mA)
0
10
20
30
40
50
60
70
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VDIODE = 3.4V
VDIODE = 3.0V
AAT3142
High Efficiency 1X/1.5X/2X Charge Pump
for White LED Applications
3142.2005.12.1.1
9


Similar Part No. - AAT3142

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3142 ANALOGICTECH-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3142ITP-T1 AAT-AAT3142ITP-T1 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3142ITP-T1 ANALOGICTECH-AAT3142ITP-T1 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 ANALOGICTECH-AAT3142_07 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3142

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com