Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3132ITP-1-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3132ITP-1-T1
Description  High Efficiency 1.5X Fractional Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3132ITP-1-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3132ITP-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3132ITP-1-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AAT3132/32A
High Efficiency 1.5X Fractional Charge
Pump for White LED Applications
3132.2005.12.1.4
7
Functional Block Diagram
1.5X
Charge
Pump
Soft-Start
Control
1MHz
Oscillator
Voltage
Reference
Quad
Output
DAC
Single
Output
DAC
Current
Reference
S2Cwire
Interface
32x16 bit
ROM
C1+
C1-
C2+
C2-
OUT
D1
D2
D3
D4
GND
EN/SET
VIN
32x16 bit
ROM
Functional Description
The AAT3132/32A is a high efficiency (1.5X) frac-
tional charge pump device intended for white LED
backlight applications. It consists of a 1.5X charge
pump with multiple current source outputs. To max-
imize power conversion efficiency, an internal feed-
back control sensing circuit monitors the voltage
required on the constant current source outputs.
The AAT3132/32A requires only four external
components: two 1µF ceramic capacitors for the
charge pump flying capacitors (C
1 and C2), one
1µF ceramic input capacitor (C
IN),
and one
0.33µF to 1µF ceramic output capacitor (C
OUT).
The 1.5X charge pump output is converted into
three (D1 to D3) constant current outputs to drive
three individual LEDs with a maximum current of
20mA each, and one (D4) constant current output
with a maximum current of 25 or 30mA. The cur-


Similar Part No. - AAT3132ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3131 ANALOGICTECH-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131ITP-T1 ANALOGICTECH-AAT3131ITP-T1 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3131ITP-T1 AAT-AAT3131ITP-T1 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results

Similar Description - AAT3132ITP-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 ANALOGICTECH-AAT3131 Datasheet
329Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3134 ANALOGICTECH-AAT3134 Datasheet
273Kb / 13P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
AAT3131 AAT-AAT3131 Datasheet
275Kb / 14P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122_05 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com