Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3166 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3166
Description  High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3166 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3166 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3166 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings1
Thermal Information3
Symbol
Description
Value
Units
PD
Maximum Power Dissipation4
2.0
W
θJA
Maximum Thermal Resistance
50
°C/W
Symbol
Description
Value
Units
VIN
Input Voltage to GND
-0.3 to 6
V
VEN/SET
EN/SET Voltage to GND
-0.3 to VIN + 0.3
V
IOUT2
Maximum DC Output Current
150
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3166
High Efficiency 1X/1.5X/2X Charge
Pump for White LED Applications
3166.2006.05.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on an FR4 board.
4. Derate 20mW/°C above 25°C.


Similar Part No. - AAT3166

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3164 ANALOGICTECH-AAT3164 Datasheet
397Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for Six-Channel White LED Applications
AAT3164IRN-T1 ANALOGICTECH-AAT3164IRN-T1 Datasheet
397Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for Six-Channel White LED Applications
AAT3167 ANALOGICTECH-AAT3167 Datasheet
416Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3167 ANALOGICTECH-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results

Similar Description - AAT3166

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3153 ANALOGICTECH-AAT3153 Datasheet
145Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com