Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3237IGU-1.8-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT3237IGU-1.8-T1
Description  300mA MicroPower??LDO with PowerOK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3237IGU-1.8-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3237IGU-1.8-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3237IGU-1.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AAT3237
300mA MicroPower™ LDO with PowerOK
2
3237.2006.01.1.4
Pin Descriptions
Pin Configuration
SOT23-6
SC70JW-8
(Top View)
(Top View)
OUT
OUT
OUT
GND
EN
IN
IN
POK 1
2
3
45
6
7
8
GND
OUT
GND
POK
EN
IN
1
2
3
4
5
6
Pin #
Symbol
Function
SOT23-6
SC70JW-8
1
5, 6
IN
Input voltage pin; should be decoupled with 1µF or greater
capacitor.
2, 5
8
GND
Ground connection pin.
3
7
EN
Enable pin; this pin should not be left floating. When pulled
low, the PMOS pass transistor turns off and all internal circuitry
enters low-power mode, consuming less than 1µA.
4
1
POK
Power-OK output. This open-drain output is low when OUT is
out of regulation. Connect a pull-up resistor from POK to OUT.
6
2, 3, 4
OUT
Output pin; should be decoupled with 2.2µF ceramic capacitor.


Similar Part No. - AAT3237IGU-1.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.5-T1 ANALOGICTECH-AAT3232IGV-2.5-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.7-T1 ANALOGICTECH-AAT3232IGV-2.7-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-2.8-T1 ANALOGICTECH-AAT3232IGV-2.8-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
AAT3232IGV-3.0-T1 ANALOGICTECH-AAT3232IGV-3.0-T1 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
More results

Similar Description - AAT3237IGU-1.8-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAT3216 ETC-AAT3216 Datasheet
232Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Advanced Analogic Techn...
AAT3216 ANALOGICTECH-AAT3216 Datasheet
184Kb / 16P
   150mA MicroPower??LDO with PowerOK
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307 Datasheet
295Kb / 8P
   300mA Micropower uCap Baseband LDO
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
logo
Micrel Semiconductor
MIC5307 MICREL-MIC5307_07 Datasheet
206Kb / 9P
   300mA Micropower 關Cap Baseband LDO
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
138Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Advanced Analogic Techn...
AAT3238 ANALOGICTECH-AAT3238 Datasheet
322Kb / 14P
   300mA MicroPower??High Performance LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com