Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3686 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3686
Description  USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3686 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3686 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3686 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Characteristics
Temperature Sense Output Current
vs. Temperature
Temperature (
°°C)
72
74
76
78
80
82
84
86
88
-50
-25
0
25
50
75
100
CT Pin Capacitance vs. Counter Timeout
Time (hours)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
06
4
28
10
Precondition Timeout
Precondition + Constant Current Timeout
or Constant Voltage Timeout
Counter Timeout vs. Temperature
(CT = 0.1µF)
Temperature (
°°C)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
USB Charge Current vs. Time
(USBH; USBH = 8.06k
Ω)
Time (sec)
USB VBUS
(200mV/div)
USB Charge
Current
(200mA/div)
USB Peripheral
Current
Consumption
(200mA/div)
02
4
6
8
10
Charge Reduction
Mode Activated
Adapter Mode Supply Current
vs. ADPSET Resistor
ADPSET Resistor (k
Ω
Ω)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
1
10
100
1000
Constant Current
Pre-Conditioning
AAT3686
USB Port/AC Adapter
Lithium-Ion/Polymer Battery Charger
3686.2006.06.1.5
9


Similar Part No. - AAT3686

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686-1 ANALOGICTECH-AAT3686-1 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3686-3 ANALOGICTECH-AAT3686-3 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3686IRN-4.2-T1 AAT-AAT3686IRN-4.2-T1 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
More results

Similar Description - AAT3686

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3686 AAT-AAT3686 Datasheet
554Kb / 24P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3686 ANALOGICTECH-AAT3686_08 Datasheet
455Kb / 23P
   USB Port/AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681 ANALOGICTECH-AAT3681 Datasheet
307Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3681 AAT-AAT3681 Datasheet
591Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
SiGe Semiconductor, Inc...
AATIAN71 SIGE-AATIAN71 Datasheet
75Kb / 4P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analogic Techn...
AAT3681 ANALOGICTECH-AAT3681_08 Datasheet
247Kb / 15P
   USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3684 ANALOGICTECH-AAT3684 Datasheet
285Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3681A ANALOGICTECH-AAT3681A Datasheet
209Kb / 17P
   500mA USB Port or AC Adapter Lithium-Ion/Polymer Battery Charger
AAT3690 ANALOGICTECH-AAT3690 Datasheet
439Kb / 20P
   1.0A USB Port/Adapter Lithium-Ion/Polymer Battery Charger
logo
Advanced Analog Technol...
AAT3688 AAT-AAT3688 Datasheet
623Kb / 23P
   USB Port Lithium-Ion/Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com