Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4651 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT4651
Description  5V/3V PC Card Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4651 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT4651 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4651 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information
Input Capacitor
A 1µF or larger capacitor is typically recommended
for CIN. A CIN capacitor is not required for basic
operation; however, it is useful in preventing load
transients from affecting upstream circuits.
CIN
should be located as close to the device VIN pin as
practically possible.
Ceramic, tantalum, or alu-
minum electrolytic capacitors may be selected for
CIN. There is no specific capacitor equivalent series
resistance (ESR) requirement for CIN. However, for
higher current operation, ceramic capacitors are rec-
ommended for CIN due to their inherent capability
over tantalum capacitors to withstand input current
surges from low impedance sources such as batter-
ies in portable devices.
Output Capacitor
A 0.1µF or greater capacitor is generally required
between VCC and GND. Likewise, with the output
capacitor, there is no specific capacitor ESR
requirement. If desired, COUT may be increased to
accommodate any load transient condition.
Parallel Interface / Break Before Make
A 2-bit parallel interface determines the state of the
VCC output. The logic levels are compatible with
CMOS or TTL logic. A logic low value must be less
than 0.8V, and a logic high value must be greater
than 2.4V. In cases where the interface pins rapidly
change state directly from 3V to 5V (or vice versa),
internal break-before-make circuitry prevents any
backflow of current from one input power supply to
the other. In addition, the body connections of the
internal P-channel MOSFET switches are always
set to the highest potential of VCC3, VCC5, or VCC,
which prevents any body diode conduction, power
supply backflow, or possible device damage.
FAULT Output
The FAULT output is pulled to ground by an open
drain N-channel MOSFET during an over-current
or output slew condition. It should be pulled up to
the reference power supply of the controller IC via
a nominal 100k
Ω resistor.
Voltage Regulation
The PC card specification calls for a regulated 5V
supply tolerance of +/-5%. Of this, a typical power
supply will drop less than 2%, and the PCB traces
will drop another 1%.
This leaves 2% for the
AAT4651 as the PC card switch. In the PC card
application, the maximum allowable current for the
AAT4651 is dominated by voltage regulation rather
than by thermal considerations, and is set by either
the current limit or the maximum RDS(ON) of the P-
channel MOSFET. The maximum RDS(ON) at 85°C
is calculated by applying the RDS(ON) temperature
coefficient to the maximum room temperature
RDS(ON):
-or-
The maximum current is equal to the 2% tolerance
of the 5V supply (100mV) across the AAT4651
divided by RDS(ON)(MAX). Or:
For the 3.3V supply in the PC card application, the
conditions are a bit relaxed, with the allowable volt-
age regulation drop equal to 300mV. With a 2%
supply and 1% PCB trace regulation, the PC card
switch can have a 200mV drop. So:
Since 1.5A is the nominal current limit value, the
AAT4651 will current limit before IMAX3 is reached.
Thermal issues are not a problem in the SOP-8
package since
ΘJA, the package thermal resistance,
is only 120°C/W. At any given ambient temperature
I
MAX3 =
= 1.5A
200mV
134m
Ω
I
MAX5 =
= 856.2mA
100mV
116.8m
Ω
R
DS(ON)(MAX) = 100m
Ω
⋅ (1 + [0.0028 ⋅ 60]) = 116.8mΩ
R
DS(ON)(MAX) = RDS(ON)25
⋅ (1 + [TC ⋅ ΔT])
AAT4651
5V/3V PC Card Power Switch
8
4651.2006.05.1.2


Similar Part No. - AAT4651

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Skyworks Solutions Inc.
AAT4650 SKYWORKS-AAT4650 Datasheet
987Kb / 12P
   5V/3V PC Card Power Switch
April 26, 2012
logo
Advanced Analogic Techn...
AAT4650IAS-B1 ANALOGICTECH-AAT4650IAS-B1 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
More results

Similar Description - AAT4651

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650 Datasheet
428Kb / 12P
   5V/3V PC Card Power Switch
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
   3V/5V SIM Power Supply in SOT-23
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com